Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5200 Datasheet (PDF) - Maxim Integrated Products

MAX5200 Datasheet PDF - Maxim Integrated Products
Part # MAX5200
Download  MAX5200 Download
File Size   288.51 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX

MAX5200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5200 Datasheet PDF - Maxim Integrated Products

Part # MAX5200
Download  MAX5200 Click to download

File Size   288.51 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX

MAX5200 Datasheet (HTML) - Maxim Integrated Products


MAX5200 Product details

General Description

The MAX5200–MAX5203 serial input, voltage-output,16-bit digital-to-analog converters (DACs) provide monotonic 16-bit output over temperature without any adjustments. The MAX5200/MAX5201 operate from a +5V single power supply featuring an internal reference of +2.5V and an internal gain of 2, while the MAX5202/

MAX5203 operate from a +3V or +3.3V single power supply featuring an internal reference of +1.5V and an internal gain of 2. The MAX5200–MAX5203 DAC output range is typically from 0 to VDD



Features

♦ Guaranteed 16-Bit Monotonic

♦ Internal Reference

♦ 10-Pin 5mm ✕ 3mm µMAX Package

♦ Rail-to-Rail Output Amplifier

♦ Single-Supply Operation

  +5V (MAX5200/MAX5201)

  +3V, +3.3V (MAX5202/MAX5203)

♦ Low Power Consumption: 0.8mA

♦ Shutdown Mode Reduces Supply Current to 1µA

♦ SPI/QSPI/MICROWIRE-Compatible 3-Wire Serial Interface

♦ Power-On-Reset Sets Output to Midscale (MAX5200/MAX5202) Zero Scale (MAX5201/MAX5203)



Applications

Low-Cost VCO/VCXO Frequency Control

Industrial Process Control

High-Resolution Offset Adjustment




Similar Part No. - MAX5200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX520-MAX521 MAXIM-MAX520-MAX521 Datasheet
274Kb / 20P
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX5204 MAXIM-MAX5204 Datasheet
282Kb / 13P
Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Rev 1; 10/04
MAX5204ACUB MAXIM-MAX5204ACUB Datasheet
282Kb / 13P
Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Rev 1; 10/04
MAX5204AEUB MAXIM-MAX5204AEUB Datasheet
282Kb / 13P
Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Rev 1; 10/04
More results


Similar Description - MAX5200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5204 MAXIM-MAX5204 Datasheet
282Kb / 13P
Low-Cost, Voltage-Output, 16-Bit DACs in UMAX
Rev 1; 10/04
MAX5650 MAXIM-MAX5650 Datasheet
283Kb / 14P
16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
Rev 0; 2/06
logo
Texas Instruments
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
DAC81402 TI-DAC81402 Datasheet
5Mb / 54P
DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
DAC81404 TI-DAC81404_V01 Datasheet
5Mb / 53P
DACx1404 Quad, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com