Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5258 Datasheet (PDF) - Maxim Integrated Products

MAX5258 Datasheet PDF - Maxim Integrated Products
Part # MAX5258
Download  MAX5258 Download
File Size   509.41 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers

MAX5258 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5258 Datasheet PDF - Maxim Integrated Products

Part # MAX5258
Download  MAX5258 Click to download

File Size   509.41 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers

MAX5258 Datasheet (HTML) - Maxim Integrated Products


MAX5258 Product details

General Description

The MAX5258/MAX5259 are +3V/+5V single-supply, digital serial-input, voltage-output, 8-bit octal digital-to analog converters (DACs). Internal precision buffers swing Rail-to-Rail®, and the reference input range extends from ground to the positive supply. The +5V (MAX5258) and the +3V (MAX5259) feature a 10µA (max) shutdown mode.



Features

♦ +2.7V to +5.5V Single-Supply Operation

♦ Low Supply Current: 1.3mA

♦ Low-Power Shutdown Mode

   0.54mA (MAX5259)

   0.80mA (MAX5258)

♦ ±1LSB DNL (max)

♦ ±1LSB INL (max)

♦ Ground to VDD Reference Input Range

♦ Output Buffer Amplifiers Swing Rail-to-Rail

♦ 10MHz Serial Interface, SPI, QSPI (CPOL = CPHA = 0 or CPOL = CPHA = 1), and MICROWIRE Compatible

♦ Double-Buffered Registers for Synchronous Updating

♦ Serial Data Output for Daisy-Chaining

♦ Ultra-Small 16-Pin QSOP Package



Applications

  Digital Gain and Offset Adjustment

  Programmable Attenuators

  Programmable Current Sources

  Portable Instruments



 




Similar Part No. - MAX5258

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5258 MAXIM-MAX5258 Datasheet
486Kb / 11P
MAX5258 Evaluation Kit
Rev 0; 9/08
MAX5258EVKIT MAXIM-MAX5258EVKIT Datasheet
486Kb / 11P
MAX5258 Evaluation Kit
Rev 0; 9/08
More results


Similar Description - MAX5258

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
logo
Linear Technology
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com