Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX518 Datasheet (PDF) - Maxim Integrated Products

MAX518 Datasheet PDF - Maxim Integrated Products
Part # MAX518
Download  MAX518 Download
File Size   178.88 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs

MAX518 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX518 Datasheet PDF - Maxim Integrated Products

Part # MAX518
Download  MAX518 Click to download

File Size   178.88 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs

MAX518 Datasheet (HTML) - Maxim Integrated Products


MAX518 Product details

General Description

The MAX517/MAX518/MAX519 are 8-bit voltage output digital-to-analog converters (DACs) with a simple 2-wire serial interface that allows communication between multiple devices. They operate from a single 5V supply and their internal precision buffers allow the DAC outputs to swing rail-to-rail.

The MAX517 is a single DAC and the MAX518/MAX519 are dual DACs. The MAX518 uses the supply voltage as the reference for both DACs. The MAX517 has a reference input for its single DAC and each of the MAX519’s two DACs has its own reference input.

The MAX517/MAX518/MAX519 feature a serial interface and internal software protocol, allowing communication at data rates up to 400kbps. The interface, combined with the double-buffered input configuration, allows the DAC registers of the dual devices to be updated individually or simultaneously. In addition, the devices can be put into a low-power shutdown mode that reduces supply current to 4µA. Power-on reset ensures the DAC outputs are at 0V when power is initially applied.



Features

♦ Single +5V Supply

♦ Simple 2-Wire Serial Interface

♦ I2C Compatible

♦ Output Buffer Amplifiers Swing Rail-to-Rail

♦ Space-Saving 8-pin DIP/SO Packages

   (MAX517/MAX518)

♦ Reference Input Range Includes Both Supply Rails

   (MAX517/MAX519)

♦ Power-On Reset Clears All Latches

♦ 4µA Power-Down Mode



Applications

  Minimum Component Analog Systems

  Digital Offset/Gain Adjustment

  Industrial Process Control

  Automatic Test Equipment

  Programmable Attenuators



 




Similar Part No. - MAX518

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5180BEEI MAXIM-MAX5180BEEI Datasheet
491Kb / 16P
Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
285Kb / 16P
10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
221Kb / 16P
10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
More results


Similar Description - MAX518

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
logo
Linear Technology
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
Single 12-/10-/8-Bit Rail-to- Rail DACs
06/17-REV.G
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com