Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5380 Datasheet (PDF) - Maxim Integrated Products

MAX5380 Datasheet PDF - Maxim Integrated Products
Part # MAX5380
Download  MAX5380 Download
File Size   325.84 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23

MAX5380 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5380 Datasheet PDF - Maxim Integrated Products

Part # MAX5380
Download  MAX5380 Click to download

File Size   325.84 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23

MAX5380 Datasheet (HTML) - Maxim Integrated Products


MAX5380 Product details

General Description

The MAX5380/MAX5381/MAX5382 are low-cost, 8-bit digital-to-analog converters (DACs) in miniature 5-pin SOT23 packages, with a simple 2-wire serial interface that allows communication with multiple devices. The MAX5380 has an internal +2V reference and operates from a +2.7V to +3.6V supply. The MAX5381 has an internal +4V reference and operates from a +4.5V to +5.5V supply. The MAX5382 operates over the full +2.7V to +5.5V supply range and has an internal reference equal to 0.9 x VDD.



Features

♦ 8-Bit Accuracy in a Miniature 5-Pin SOT23

♦ Wide +2.7V to +5.5V Supply Range (MAX5382)

♦ Low 230µA max Supply Current

♦ 1µA Shutdown Mode

♦ Buffered Output Drives Resistive Loads

♦ Low-Glitch Power-On Reset to Zero DAC Output

♦ Fast I2C-Compatible Serial Interface

♦ <±5% Full-Scale Error (MAX5382)

♦ <±1LSB max INL/DNL



Applications

  Automatic Tuning (VCO)

  Power-Amplifier Bias Control

  Programmable Threshold Levels

  Automatic Gain Control

  Automatic Offset Adjustment



 




Similar Part No. - MAX5380

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX538 MAXIM-MAX538 Datasheet
207Kb / 16P
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5383 MAXIM-MAX5383 Datasheet
501Kb / 15P
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383EUT+T MAXIM-MAX5383EUT+T Datasheet
335Kb / 15P
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5383EUT-T MAXIM-MAX5383EUT-T Datasheet
342Kb / 12P
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
More results


Similar Description - MAX5380

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5360 MAXIM-MAX5360 Datasheet
322Kb / 12P
Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 1; 3/01
MAX5363 MAXIM-MAX5363 Datasheet
304Kb / 12P
Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 0; 4/00
MAX5383 MAXIM-MAX5383 Datasheet
342Kb / 12P
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 2; 1/02
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
MAX5383 MAXIM-MAX5383_09 Datasheet
335Kb / 15P
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
MAX5360 MAXIM-MAX5360_11 Datasheet
214Kb / 12P
Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package
Rev 2; 3/11
MAX5384EUT MAXIM-MAX5384EUT Datasheet
501Kb / 15P
Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23
Rev 3; 1/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com