Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX555 Datasheet (PDF) - Maxim Integrated Products

MAX555 Datasheet PDF - Maxim Integrated Products
Part # MAX555
Download  MAX555 Download
File Size   98.2 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 300Msps, 12-Bit DAC with Complementary Voltage Outputs

MAX555 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX555 Datasheet PDF - Maxim Integrated Products

Part # MAX555
Download  MAX555 Click to download

File Size   98.2 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 300Msps, 12-Bit DAC with Complementary Voltage Outputs

MAX555 Datasheet (HTML) - Maxim Integrated Products


MAX555 Product details

General Description
The MAX555 is an advanced, monolithic, 12-bit digital-to-analog converter (DAC) with complementary 50Ω outputs. Fabricated using an oxide-isolated bipolar process, the MAX555 is designed for signal-reconstruction applications at an output update rate of 300Msps. It incorporates an analog multiplying function with 10MHz useable input bandwidth. The voltage-output DAC uses precision laser trimming to achieve 12-bit accuracy with ±1/2LSB integral and differential linearity (±0.012% FS). Absolute gain error is a low 1% of full scale. Full-scale transitions occur in less than 0.5ns.

Features
♦ 12-Bit Resolution
♦ ±1/2LSB Integral and Differential Nonlinearity
♦ Capable of 300Msps Min Update Rate
♦ Complementary 50Ω Outputs
♦ Multiplying Reference Input
♦ Low Glitch Energy (5.6pVs)
♦ Single -5.2V Power Supply
♦ On-Chip Data Registers
♦ ECL-Compatible Inputs with Differential Clock

Applications
    Direct Digital Synthesis
    Arbitrary Waveform Generation
    HDTV/High-Resolution Graphics
    Instrumentation
    Communications Local Oscillators
    Automated Tester Applications




Similar Part No. - MAX555

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5550 MAXIM-MAX5550 Datasheet
397Kb / 15P
Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
MAX5550 MAXIM-MAX5550 Datasheet
493Kb / 14P
MAX5550 Evaluation Kit
Rev 0; 3/08
MAX5550ETE MAXIM-MAX5550ETE Datasheet
397Kb / 15P
Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
MAX5550EVKIT MAXIM-MAX5550EVKIT Datasheet
493Kb / 14P
MAX5550 Evaluation Kit
Rev 0; 3/08
MAX5556 MAXIM-MAX5556 Datasheet
324Kb / 19P
Low-Cost Stereo Audio DACs
Rev 0; 5/06
More results


Similar Description - MAX555

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8412 AD-DAC8412 Datasheet
443Kb / 14P
Quad, 12-Bit DAC Voltage Output with Readback
REV.D
logo
Maxim Integrated Produc...
MAX5856A MAXIM-MAX5856A Datasheet
781Kb / 23P
Dual 8-Bit, 300Msps DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
MAX5858 MAXIM-MAX5858 Datasheet
809Kb / 23P
Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03
MAX5858A MAXIM-MAX5858A Datasheet
909Kb / 25P
Dual, 10-Bit, 300Msps, DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
logo
Analog Devices
DAC8412FPCZ AD-DAC8412FPCZ Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
logo
API Technologies Corp
HS3860 APITECH-HS3860 Datasheet
1Mb / 3P
12-Bit DAC with Input Registers
logo
Analog Devices
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412AT AD-DAC8412AT Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8412 AD-DAC8412_15 Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
DAC8413 AD-DAC8413_15 Datasheet
479Kb / 20P
Quad, 12-Bit DAC Voltage Output with Readback
Rev. G
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com