Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5913 Datasheet (PDF) - Maxim Integrated Products

MAX5913 Datasheet PDF - Maxim Integrated Products
Part # MAX5913
Download  MAX5913 Download
File Size   827.74 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 48V Quad Hot-Swap Controllers For Power-Over-LAN

MAX5913 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5913 Datasheet PDF - Maxim Integrated Products

Part # MAX5913
Download  MAX5913 Click to download

File Size   827.74 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 48V Quad Hot-Swap Controllers For Power-Over-LAN

MAX5913 Datasheet (HTML) - Maxim Integrated Products


MAX5913 Product details

General Description
The MAX5913/MAX5914 are quadruple hot-swap controllers. The MAX5913/MAX5914 independently control four external N-channel switches to hot-swap system loads from a single VCC supply line. The devices allow the safe insertion and removal of power devices from live network ports. Operating supply voltage range is between +35V and +72V. The devices are intended for applications in Power-Over-Media-Dependent Interface (MDI), but are not limited to such usage.

Features
♦ Wide Operating Input Voltage Range +35V to +72V
♦ IEEE 802.3AF Compatible
♦ Four Independent Power Switch Controllers
♦ Open-Circuit Detector
♦ On-Board Charge Pumps to Drive External N-Channel FETs
♦ Current Sense with External Resistor
♦ Foldback Current Limiting
♦ +32V Input Undervoltage Lockout
♦ On-Chip +12V, 100mA Voltage Relay Drivers

Applications
    Power-Over-LAN
    Power-Over-MDI
    IP Phone Switches/Routers
    Telecom Line Cards
    Network Switches/Routers
    Mid-Span Power-Over-MDI




Similar Part No. - MAX5913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5913A MAXIM-MAX5913A Datasheet
619Kb / 20P
48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
MAX5913AEMH+ MAXIM-MAX5913AEMH+ Datasheet
619Kb / 20P
48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
MAX5913AEMH+T MAXIM-MAX5913AEMH+T Datasheet
619Kb / 20P
48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
More results


Similar Description - MAX5913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5927 MAXIM-MAX5927 Datasheet
692Kb / 25P
Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 8/03
MAX5929 MAXIM-MAX5929 Datasheet
574Kb / 25P
Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 1; 1/04
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
-48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
-48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
-48V Hot Swap Controller
2003
logo
Maxim Integrated Produc...
MAX5913A MAXIM-MAX5913A Datasheet
619Kb / 20P
48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
-48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
-48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
48V Hot Swap Controllers with Sequencer
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com