Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5942A Datasheet (PDF) - Maxim Integrated Products

MAX5942A Datasheet PDF - Maxim Integrated Products
Part # MAX5942A
Download  MAX5942A Download
File Size   465.85 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices

MAX5942A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5942A Datasheet PDF - Maxim Integrated Products

Part # MAX5942A
Download  MAX5942A Click to download

File Size   465.85 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices

MAX5942A Datasheet (HTML) - Maxim Integrated Products


MAX5942A Product details

General Description
The MAX5942A/MAX5942B integrate a complete power IC for powered devices (PD) in a power-over-ethernet (PoE) system. The MAX5942A/MAX5942B provide a PD interface and a compact DC-DC PWM controller suitable for flyback and forward converters in either isolated or nonisolated designs.

Features
♦ Powered Device Interface
    Fully Integrated IEEE 802.3af-Compliant PD Interface
    PD Detection and Programmable Classification Signatures
    Less than 10µA Leakage Current Offset During Detection
    Integrated MOSFET for Isolation and Inrush Current Limiting
    Gate Output Allows External Control of the Internal Isolation FET
    Programmable Inrush Current Control/ULVO PGOOD/PGOOD Outputs Enable PWM Controller
♦ PWM Controller
    Wide Input Range: 18V to 67V
    Isolated (Without Optocoupler) or Nonisolated Power Supply
    Current-Mode Control
    Leading-Edge Blanking
    Internally Trimmed 275kHz ±10% Oscillator Soft-Start

Applications
    IP Phones
    Wireless Access Nodes
    Internet Appliances
    Computer Telephony
    Security Cameras
    Power Devices in Power-Over-Ethernet/Power-Over-MDI




Similar Part No. - MAX5942A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A Datasheet
461Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942ACSE MAXIM-MAX5942ACSE Datasheet
461Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942AESE MAXIM-MAX5942AESE Datasheet
461Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
More results


Similar Description - MAX5942A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com