Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4075 Datasheet (PDF) - Unisonic Technologies

L4075 Datasheet PDF - Unisonic Technologies
Part # L4075
Download  L4075 Download
File Size   174.31 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 40V LED DRIVER WITH INTERNAL SWITCH

L4075 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4075 Datasheet PDF - Unisonic Technologies

Part # L4075
Download  L4075 Click to download

File Size   174.31 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 40V LED DRIVER WITH INTERNAL SWITCH

L4075 Datasheet (HTML) - Unisonic Technologies


L4075 Product details

■ DESCRIPTION
The UTC L4075 is a continuous conduction mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the total LEDs chain voltage. The chip operates from an input supply between 6V and 40V and provides an externally adjustable output current of up to 750mA (SOT89-5). Depending upon supply voltage and external components, this can provide up to 30W of output power.
The UTC L4075 includes an integrated output switch and a high-side output current sensing circuit, which uses an external resistor to set the nominal average output current.
Output current can be adjusted linearly by applying an external control signal to the ADJ pin. The ADJ pin will accept either a DC voltage dimming or a wide range of pulsed dimming. This will provide either a continuous or a gated output current.
Applying a voltage of 0.2V or lower to the ADJ pin can turn the output off and switch the chip into a low current standby state.

■ FEATURES
* 6V~40V input voltage range
* Simple low parts count
* Internal 40V power switch
* High efficiency up to 95%
* Typical 5% output current accuracy
* Single pin on/off and brightness control using DC voltage or PWM
* Up to 1MHz switching frequency
* Protection features:
   Open-circuit LED Protection
   Thermal shutdown Protection




Similar Part No. - L4075

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
L4075G-AF5-R UTC-L4075G-AF5-R Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
L4075L-AF5-R UTC-L4075L-AF5-R Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
More results


Similar Description - L4075

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
40V LED Driver with Internal Switch
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
40V LED Driver with Internal Switch
April 20, 2016
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com