Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6190 Datasheet (PDF) - Maxim Integrated Products

MAX6190 Datasheet PDF - Maxim Integrated Products
Part # MAX6190
Download  MAX6190 Download
File Size   232.85 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Micropower, Low-Dropout Voltage References

MAX6190 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6190 Datasheet PDF - Maxim Integrated Products

Part # MAX6190
Download  MAX6190 Click to download

File Size   232.85 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, Micropower, Low-Dropout Voltage References

MAX6190 Datasheet (HTML) - Maxim Integrated Products


MAX6190 Product details

General Description
The MAX6190–MAX6195/MAX6198 precision, micropower, low-dropout voltage references offer high initial accuracy and very low temperature coefficient through a proprietary curvature-correction circuit and lasertrimmed precision thin-film resistors.
These series-mode bandgap references draw a maximum of only 35µA quiescent supply current, making them ideal for battery-powered instruments. They offer a supply current that is virtually immune to input voltage variations. Load-regulation specifications are guaranteed for source and sink currents up to 500µA. These devices are internally compensated, making them ideal for applications that require fast settling, and are stable with capacitive loads up to 2.2nF.

Features
♦ ±2mV (max) Initial Accuracy
♦ 5ppm/°C (max) Temperature Coefficient
♦ 35µA (max) Supply Current
♦ 100mV Dropout at 500µA Load Current
♦ 0.12µV/µA Load Regulation
♦ 8µV/V Line Regulation

Applications
   Hand-Held Instruments
   Analog-to-Digital and Digital-to-Analog Converters
   Industrial Process Control
   Precision 3V/5V Systems
   Hard-Disk Drives




Similar Part No. - MAX6190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190AESA+ MAXIM-MAX6190AESA+ Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190BESA+ MAXIM-MAX6190BESA+ Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190CESA+ MAXIM-MAX6190CESA+ Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
More results


Similar Description - MAX6190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com