Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6225 Datasheet (PDF) - Maxim Integrated Products

MAX6225 Datasheet PDF - Maxim Integrated Products
Part # MAX6225
Download  MAX6225 Download
File Size   181.02 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, Precision, 2.5V/4.096V/5V Voltage References

MAX6225 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6225 Datasheet PDF - Maxim Integrated Products

Part # MAX6225
Download  MAX6225 Click to download

File Size   181.02 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, Precision, 2.5V/4.096V/5V Voltage References

MAX6225 Datasheet (HTML) - Maxim Integrated Products


MAX6225 Product details

General Description

The MAX6225/MAX6241/MAX6250 are low-noise, precision voltage references with extremely low 1ppm/°C temperature coefficients and excellent ±0.02% initial accuracy. These devices feature buried-zener technology for lowest noise performance. Load-regulation specifications are guaranteed for source and sink currents up to 15mA. Excellent line and load regulation and low output impedance at high frequency make them ideal for high-resolution data-conversion systems up to 16 bits.



Features

♦ Low 1.0ppm/°C Temperature Coefficient

♦ Very Low 1.5µVp-p Noise (0.1Hz to 10Hz)

♦ ±0.02% Initial Accuracy

♦ ±15mA Output Source and Sink Current

♦ Low, 18mW Power Consumption (MAX6225)

♦ Industry-Standard Pinout

♦ Optional Noise Reduction and Voltage Trim

♦ Excellent Transient Response

♦ 8-Pin SO Package Available

♦ Low 20ppm/1000h Long-Term Stability

♦ Stable for All Capacitive Loads




Similar Part No. - MAX6225

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225 Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6225ACPA+ MAXIM-MAX6225ACPA+ Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6225ACSA+ MAXIM-MAX6225ACSA+ Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6225AEPA+ MAXIM-MAX6225AEPA+ Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6225AESA+ MAXIM-MAX6225AESA+ Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results


Similar Description - MAX6225

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6325 MAXIM-MAX6325 Datasheet
186Kb / 12P
1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
logo
Microchip Technology
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
2.5V AND 4.096V VOLTAGE REFERENCES
2001
logo
Maxim Integrated Produc...
MAX6220 MAXIM-MAX6220 Datasheet
772Kb / 10P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage Reference
Rev 0; 4/01
logo
Microchip Technology
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
2.5V and 4.096V Voltage References
2005
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
2.5V and 4.096V Voltage References
2005
MCP1525 MICROCHIP-MCP1525_13 Datasheet
487Kb / 20P
2.5V and 4.096V Voltage References
11/29/12
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
2.5V and 4.096V Voltage References
10/20/04
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
MAX6325 MAXIM-MAX6325_V01 Datasheet
549Kb / 11P
1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
2001
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com