Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX629 Datasheet (PDF) - Maxim Integrated Products

MAX629 Datasheet PDF - Maxim Integrated Products
Part # MAX629
Download  MAX629 Download
File Size   135.62 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter

MAX629 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX629 Datasheet PDF - Maxim Integrated Products

Part # MAX629
Download  MAX629 Click to download

File Size   135.62 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter

MAX629 Datasheet (HTML) - Maxim Integrated Products


MAX629 Product details

General Description
The MAX629 low-power DC-DC converter features an internal N-channel MOSFET switch and programmable current limiting. It is designed to supply positive or negative bias voltages up to ±28V from input voltages in the 0.8V to VOUT range, and can be configured for boost, flyback, and SEPIC topologies.

Features
♦ Internal, 500mA, 28V N-Channel Switch (No External FET Required)
♦ Generates Positive or Negative Output Voltages
♦ 80µA Supply Current
♦ 1µA Max Shutdown Current
♦ Up to 300kHz Switching Frequency
♦ Adjustable Current Limit Allows Use of Small, Inexpensive Inductors
♦ 8-Pin SO Package

Applications
    Positive or Negative LCD Bias Generators
    High-Efficiency DC-DC Boost Converters
    Varactor Tuning Diode Bias
    Palmtop Computers
    2-Cell and 3-Cell Battery-Powered Applications




Similar Part No. - MAX629

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX629 MAXIM-MAX629 Datasheet
1Mb / 12P
28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
MAX629C/D MAXIM-MAX629C/D Datasheet
1Mb / 12P
28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
MAX629ESA MAXIM-MAX629ESA Datasheet
1Mb / 12P
28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
MAX629 MAXIM-MAX629_V01 Datasheet
1Mb / 12P
28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
More results


Similar Description - MAX629

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1650 SEMTECH-SC1650 Datasheet
90Kb / 4P
HIGH-VOLTAGE INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5131 AME-AME5131 Datasheet
169Kb / 11P
Low Power DC/DC Boost Converter
logo
Linear Technology
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
Boost and Inverting DC/DC Converter for CCD Bias
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
Low Power DC/DC Boost Converter
logo
Linear Technology
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
3.3A Boost/Inverting DC/DC Converter with Fault Protection
logo
Union Semiconductor, In...
UM1665 UNIONSEMI-UM1665 Datasheet
461Kb / 15P
Low Power DC/DC Boost Converter
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
Dual 3A Boost/Inverting/SEPIC DC/DC Converter
logo
Maxim Integrated Produc...
MAX629 MAXIM-MAX629_V01 Datasheet
1Mb / 12P
28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com