Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6340 Datasheet (PDF) - Maxim Integrated Products

MAX6340 Datasheet PDF - Maxim Integrated Products
Part # MAX6340
Download  MAX6340 Download
File Size   240.6 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay

MAX6340 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6340 Datasheet PDF - Maxim Integrated Products

Part # MAX6340
Download  MAX6340 Click to download

File Size   240.6 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay

MAX6340 Datasheet (HTML) - Maxim Integrated Products


MAX6340 Product details

General Description

The MAX6340/MAX6421–MAX6426 low-power micro processor supervisor circuits monitor system voltages from 1.6V to 5V. These devices perform a single function: they assert a reset signal whenever the VCC supply volt age falls below its reset threshold. The reset output remains asserted for the reset timeout period after VCC rises above the reset threshold. The reset timeout is exter nally set by a capacitor to provide more flexibility.



Features

♦ Monitor System Voltages from 1.6V to 5V

♦ Capacitor-Adjustable Reset Timeout Period

♦ Low Quiescent Current (1.6µA typ)

♦ Three RESET Output Options

   Push-Pull RESET

   Push-Pull RESET

   Open-Drain RESET

♦ Guaranteed Reset Valid to VCC = 1V

♦ Immune to Short VCC Transients

♦ Small 4-Pin SC70, 4-Pin SOT143, and 5-Pin SOT23 Packages

♦ MAX6340 Pin Compatible with LP3470

♦ MAX6424/MAX6425 Pin Compatible with NCP300–NCP303, MC33464/MC33465, S807/S808/S809, and RN5VD

♦ MAX6426 Pin Compatible with PST92XX



Applications

  Portable Equipment

  Battery-Powered Computers/Controllers

  Automotive

  Medical Equipment

  Intelligent Instruments

  Embedded Controllers

  Critical µP Monitoring

  Set-Top Boxes

  Computers



 




Similar Part No. - MAX6340

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6340 MAXIM-MAX6340 Datasheet
254Kb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6340-T MAXIM-MAX6340-T Datasheet
179Kb / 14P
5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6340UK31/V+T MAXIM-MAX6340UK31/V+T Datasheet
1Mb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340UK__+T MAXIM-MAX6340UK__+T Datasheet
1Mb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340UK__-T MAXIM-MAX6340UK__-T Datasheet
254Kb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
More results


Similar Description - MAX6340

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
logo
SG Micro Corp
SGM800 SGMICRO-SGM800 Datasheet
280Kb / 11P
Capacitor-Adjustable Reset Timeout Delay
SGM802 SGMICRO-SGM802 Datasheet
291Kb / 12P
Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804 Datasheet
264Kb / 11P
Capacitor-Adjustable Reset Timeout Delay
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
Maxim Integrated Produc...
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6746 MAXIM-MAX6746_V01 Datasheet
1Mb / 16P
關P Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com