Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6351 Datasheet (PDF) - Maxim Integrated Products

MAX6351 Datasheet PDF - Maxim Integrated Products
Part # MAX6351
Download  MAX6351 Download
File Size   107.01 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual/Triple-Voltage 關P Supervisory Circuits

MAX6351 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6351 Datasheet PDF - Maxim Integrated Products

Part # MAX6351
Download  MAX6351 Click to download

File Size   107.01 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual/Triple-Voltage 關P Supervisory Circuits

MAX6351 Datasheet (HTML) - Maxim Integrated Products


MAX6351 Product details

General Description

The MAX6351–MAX6360 microprocessor (µP) supervisors with multiple reset voltages significantly improve system reliability and accuracy compared to separate ICs or discrete components. If any input supply voltage drops below its associated preset threshold, all reset outputs are asserted. In addition, the output(s) is valid as long as either input supply voltage remains greater than +1.0V.



Features

♦ Precision Monitoring of Multiple +2.5V, +3.0V, +3.3V, and +5V Power-Supply Voltages

♦ Precision Factory-Set Power-Supply Reset Thresholds

♦ 20µA Supply Current

♦ 100ms min Power-On Reset Pulse Width

♦ Fully Guaranteed Over Temperature

♦ Guaranteed RESET Valid to VCC5 = 1V or VCC3 = 1V

♦ Power-Supply Transient Immunity

♦ No External Components for Dual-Voltage Systems

♦ Small 5- and 6-Pin SOT23 Packages

♦ Debounced TTL/CMOS-Compatible Manual-Reset Input

♦ Watchdog Timer 46.4sec Start-Up Timeout 2.9sec Normal Timeout

♦ Low Cost



Applications

Computers

 Intelligent Instruments

Controllers

Multivoltage Systems

Portable/Battery-Powered Equipment




Similar Part No. - MAX6351

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351 Datasheet
327Kb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351__UT-T MAXIM-MAX6351__UT-T Datasheet
327Kb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6351__UT-T MAXIM-MAX6351__UT-T Datasheet
1Mb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
2014
More results


Similar Description - MAX6351

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
關P Supervisory Circuits
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
關P Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
關P Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com