Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6369 Datasheet (PDF) - Maxim Integrated Products

MAX6369 Datasheet PDF - Maxim Integrated Products
Part # MAX6369
Download  MAX6369 Download
File Size   114.25 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Pin-Selectable Watchdog Timers

MAX6369 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6369 Datasheet PDF - Maxim Integrated Products

Part # MAX6369
Download  MAX6369 Click to download

File Size   114.25 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Pin-Selectable Watchdog Timers

MAX6369 Datasheet (HTML) - Maxim Integrated Products


MAX6369 Product details

General Description

The MAX6369–MAX6374 are pin-selectable watchdog timers that supervise microprocessor (µP) activity and signal when a system is operating improperly. During normal operation, the microprocessor should repeatedly toggle the watchdog input (WDI) before the selected watchdog timeout period elapses to demonstrate that the system is processing code properly. If the µP does not provide a valid watchdog input transition before the timeout period expires, the supervisor asserts a watch dog (WDO) output to signal that the system is not exe

cuting the desired instructions within the expected time frame. The watchdog output pulse can be used to reset

the µP or interrupt the system to warn of processing errors.



Features

♦ Precision Watchdog Timer for Critical µP Applications

♦ Pin-Selectable Watchdog Timeout Periods

♦ Pin-Selectable Watchdog Startup Delay Periods

♦ Ability to Change Watchdog Timing Characteristics Without Power Cycling

♦ Open-Drain or Push-Pull Pulsed Active-Low Watchdog Output

♦ Watchdog Timer Disable Feature

♦ +2.5V to +5.5V Operating Voltage

♦ 8µA Low Supply Current

♦ No External Components Required

♦ Miniature 8-Pin SOT23 Package




Similar Part No. - MAX6369

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6369 MAXIM-MAX6369 Datasheet
288Kb / 10P
Pin-Selectable Watchdog Timers
Rev 4; 6/10
MAX6369KA MAXIM-MAX6369KA Datasheet
288Kb / 10P
Pin-Selectable Watchdog Timers
Rev 4; 6/10
MAX6369KA-T MAXIM-MAX6369KA-T Datasheet
288Kb / 10P
Pin-Selectable Watchdog Timers
Rev 4; 6/10
MAX6369KA-T MAXIM-MAX6369KA-T Datasheet
123Kb / 10P
Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6369KA-T MAXIM-MAX6369KA-T Datasheet
440Kb / 10P
Pin-Selectable Watchdog Timers
Rev 5; 1/11
More results


Similar Description - MAX6369

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16113FPJ HITACHI-HA16113FPJ Datasheet
102Kb / 18P
Dual Watchdog Timers
logo
Maxim Integrated Produc...
MAX16997 MAXIM-MAX16997 Datasheet
154Kb / 16P
High-Voltage Watchdog Timers with Adjustable Timeout Delay
Rev 1; 4/09
MAX6369 MAXIM-MAX6369_10 Datasheet
288Kb / 10P
Pin-Selectable Watchdog Timers
Rev 4; 6/10
MAX6369 MAXIM-MAX6369_11 Datasheet
123Kb / 10P
Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6371KA MAXIM-MAX6371KA Datasheet
440Kb / 10P
Pin-Selectable Watchdog Timers
Rev 5; 1/11
logo
Linear Technology
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
logo
Vicor Corporation
PRM48AH480X200A00 VICOR-PRM48AH480X200A00 Datasheet
3Mb / 42P
Pin selectable operating mode
PRM48JH480X250A00 VICOR-PRM48JH480X250A00 Datasheet
2Mb / 44P
Pin selectable operating mode
logo
Nuvoton Technology Corp...
NAU8315 NUVOTON-NAU8315 Datasheet
1Mb / 43P
Pin Selectable Gain Setting
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com