Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6650 Datasheet (PDF) - Maxim Integrated Products

MAX6650 Datasheet PDF - Maxim Integrated Products
Part # MAX6650
Download  MAX6650 Download
File Size   315.07 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface

MAX6650 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6650 Datasheet PDF - Maxim Integrated Products

Part # MAX6650
Download  MAX6650 Click to download

File Size   315.07 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface

MAX6650 Datasheet (HTML) - Maxim Integrated Products


MAX6650 Product details

General Description

The MAX6650/MAX6651 fan controllers use an SMBus/I2C-compatible interface to regulate and monitor the speed of 5VDC/12VDC brushless fans with built in tachometers. They automatically force the fan’s tachometer frequency (fan speed) to match a preprogrammed value in the Fan-Speed Register by using an external MOSFET or bipolar transistor to linearly regulate the voltage across the fan. The MAX6650 regulates the speed of a single fan by monitoring its tachometer

output. The MAX6651 also regulates the speed of a single fan, but it contains additional tachometer inputs to monitor up to four fans and control them as a single unit when they are used in parallel.



Features

♦Closed/Open-Loop Fan-Speed Control for 5V/12V Fans

♦2-Wire SMBus/I2C-Compatible Interface

♦Monitors Tachometer Output

   Single Tachometer (MAX6650)

  Up to Four Tachometers (MAX6651)

♦Programmable Alert Output

♦GPIOs

♦Hardware Full-On Override

♦Synchronize Multiple Fans

♦Four Selectable Slave Addresses

♦3V to 5.5V Supply Voltage

♦Small Packages

  10-Pin µMAX (MAX6650)

  16-Pin QSOP (MAX6651)




Similar Part No. - MAX6650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
241Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650 Datasheet
284Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650EUB MAXIM-MAX6650EUB Datasheet
241Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650EUB MAXIM-MAX6650EUB Datasheet
284Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650EUB MAXIM-MAX6650EUB Datasheet
260Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Similar Description - MAX6650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
SMBus/I2C Fan Speed Controller in SOT-23
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
logo
NXP Semiconductors
PCA9556 PHILIPS-PCA9556_02 Datasheet
108Kb / 13P
Octal SMBus and I2C registered interface
2002 Mar 28
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
logo
ON Semiconductor
NCT7491RQR2G ONSEMI-NCT7491RQR2G Datasheet
850Kb / 80P
Remote Thermal Monitor and Fan Controller with PECI 3.0 Interface and SMBus Compatible Master
October, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com