Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX667 Datasheet (PDF) - Maxim Integrated Products

MAX667 Datasheet PDF - Maxim Integrated Products
Part # MAX667
Download  MAX667 Download
File Size   78.97 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/Programmable Low-Dropout Voltage Regulator

MAX667 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX667 Datasheet PDF - Maxim Integrated Products

Part # MAX667
Download  MAX667 Click to download

File Size   78.97 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/Programmable Low-Dropout Voltage Regulator

MAX667 Datasheet (HTML) - Maxim Integrated Products


MAX667 Product details

General Description
The MAX667 low-dropout, positive, linear voltage regulator supplies up to 250mA of output current. With no load, it has a typical quiescent current of 20µA. At 200mA of output current, the input/output voltage differential is typically 150mV. Other features include a low-voltage detector to indicate power failure, as well as early-warning and low-dropout detectors to indicate an imminent loss of output voltage regulation. A shutdown control disables the output and puts the circuit into a low quiescent-current mode.

Features
♦ 350mV Max Dropout at 200mA
♦ 250mA Output Current
♦ Normal Mode: 20µA Typ Quiescent Current
   Shutdown Mode: 0.2µA Typ Quiescent Current
♦ Low-Battery Detector
♦ Fixed +5V (Min Component Count) or Adjustable Output
♦ +3.5V to +16.5V Input
♦ Dropout Detector Output
♦ 10µF Output Capacitor

Applications
   Battery-Powered Devices
   Pagers and Radio Control Receivers
   Portable Instruments
   Solar-Powered Instruments




Similar Part No. - MAX667

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
163Kb / 9P
5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
MAX6670 MAXIM-MAX6670 Datasheet
217Kb / 8P
Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
MAX6670 MAXIM-MAX6670 Datasheet
222Kb / 8P
12V, 250mA Integrated Fan Driver
Rev 2; 11/02
MAX6670AUB40 MAXIM-MAX6670AUB40 Datasheet
217Kb / 8P
Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
MAX6670AUB45 MAXIM-MAX6670AUB45 Datasheet
217Kb / 8P
Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
More results


Similar Description - MAX667

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
5V LOW DROPOUT REGULATOR
logo
Taiwan Semiconductor Co...
TS4270 TSC-TS4270 Datasheet
407Kb / 9P
5V Ultra Low Dropout Fixed Voltage Regulator
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
5V Low Dropout Regulator
logo
Exar Corporation
XRP6272ITC5TR-F EXAR-XRP6272ITC5TR-F Datasheet
929Kb / 13P
2A 5V-Adjustable Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
logo
ON Semiconductor
L88M05T ONSEMI-L88M05T Datasheet
489Kb / 8P
17V, 5V / 0.5A Low Dropout Voltage Regulator
February, 2014
logo
Exar Corporation
XRP6272 EXAR-XRP6272 Datasheet
929Kb / 13P
2A 5V-Adjustable Low Dropout Voltage Regulator
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
1A / 5V Output low dropout voltage regulator;
logo
AiT Semiconductor Inc.
A6318A AITSEMI-A6318A Datasheet
787Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT PROGRAMMABLE OUTPUT
REV1.3
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com