Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400PT Datasheet (PDF) - Nell Semiconductor Co., Ltd

400PT Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 400PT
Download  400PT Download
File Size   1874.44 Kbytes
Page   2 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Voltage rating up to 1800 V

400PT Datasheet (PDF)

Go To PDF Page Download Datasheet
400PT Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 400PT
Download  400PT Click to download

File Size   1874.44 Kbytes
Page   2 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Voltage rating up to 1800 V

400PT Datasheet (HTML) - Nell Semiconductor Co., Ltd




Similar Part No. - 400PT

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
400PTAO NELLSEMI-400PTAO Datasheet
1Mb / 2P
Phase Control Thyristors
More results


Similar Description - 400PT

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
255PT NELLSEMI-255PT Datasheet
834Kb / 3P
Voltage rating up to 1600 V
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
Voltage rating up to 1600 V
395PT NELLSEMI-395PT Datasheet
834Kb / 3P
Voltage rating up to 1600V
610PT NELLSEMI-610PT Datasheet
1Mb / 6P
Voltage rating up to 2400 V
800PT NELLSEMI-800PT Datasheet
883Kb / 3P
Voltage rating up to 1600V
910PT NELLSEMI-910PT Datasheet
126Kb / 2P
Voltage rating up to 2600V
1010PT NELLSEMI-1010PT Datasheet
1Mb / 5P
Voltage rating up to 3800V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
Voltage rating up to 1200V
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
Voltage rating up to 1600V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
Voltage rating up to 1600V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com