Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX682 Datasheet (PDF) - Maxim Integrated Products

MAX682 Datasheet PDF - Maxim Integrated Products
Part # MAX682
Download  MAX682 Download
File Size   154.12 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V-Input to Regulated 5V-Output Charge Pumps

MAX682 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX682 Datasheet PDF - Maxim Integrated Products

Part # MAX682
Download  MAX682 Click to download

File Size   154.12 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V-Input to Regulated 5V-Output Charge Pumps

MAX682 Datasheet (HTML) - Maxim Integrated Products


MAX682 Product details

General Description
The MAX682/MAX683/MAX684 charge-pump regulators generate 5V from a 2.7V to 5.5V input. They are specifically designed to serve as high-efficiency auxiliary supplies in applications that demand a compact design. The MAX682, MAX683, and MAX684 deliver 250mA, 100mA, and 50mA output current, respectively.
These complete 5V regulators require only one resistor and three external capacitors—no inductors are needed. High switching frequencies (externally adjustable up to 2MHz) and a unique regulation scheme allow the use of capacitors as small as 1µF per 100mA of output current. The MAX683/MAX684 are offered in a space saving 8-pin µMAX package that is only 1.1mm high, while the MAX682 is available in an 8-pin SO.

Features
♦ Ultra-Small: 1µF Capacitors per 100mA of Output Current
♦ No Inductors Required
♦ 1.1mm Height in µMAX Package (MAX683/MAX684)
♦ Up to 250mA Output Current (MAX682)
♦ Regulated ±4% Output Voltage
♦ 50kHz to 2MHz Adjustable Switching Frequency
♦ 2.7V to 5.5V Input Voltage
♦ 100µA Quiescent Current in Pulse-Skipping Mode
♦ 0.1µA Shutdown Current

Applications
   Flash Memory Supplies
   Battery-Powered Applications
   Miniature Equipment
   PCMCIA Cards
   3.3V to 5V Local Conversion Applications
   Backup-Battery Boost Converters
   3V to 5V GSM SIMM Cards




Similar Part No. - MAX682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6820 MAXIM-MAX6820 Datasheet
204Kb / 8P
SOT23 Power-Supply Sequencers
Rev 2; 4/02
MAX6820UT-T MAXIM-MAX6820UT-T Datasheet
527Kb / 8P
SOT23 Power-Supply Sequencers
Rev 3; 12/05
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6821LUK-T MAXIM-MAX6821LUK-T Datasheet
167Kb / 9P
Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6821MUK-T MAXIM-MAX6821MUK-T Datasheet
167Kb / 9P
Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
More results


Similar Description - MAX682

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Maxim Integrated Produc...
MAX679 MAXIM-MAX679 Datasheet
76Kb / 6P
Regulated 3.3V Charge Pump
Rev 0; 4/97
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
Regulated Charge Pump 5V 100mA
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
Regulated 5V Charge Pump
logo
Maxim Integrated Produc...
M24308-2-13 MAXIM-M24308-2-13 Datasheet
157Kb / 8P
3V to 5V Regulating Charge Pumps for SIM Cards
Rev 1; 12/98
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
Maxim Integrated Produc...
MAX20067EVKIT MAXIM-MAX20067EVKIT Datasheet
1Mb / 13P
Double-Stage Positive- and Negative-Regulated Charge Pumps
Rev 0; 8/17
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com