Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4535D Datasheet (PDF) - Nell Semiconductor Co., Ltd

D4535D Datasheet PDF - Nell Semiconductor Co., Ltd
Part # D4535D
Download  D4535D Download
File Size   226.93 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Voltage ratings: 200V to 600V

D4535D Datasheet (PDF)

Go To PDF Page Download Datasheet
D4535D Datasheet PDF - Nell Semiconductor Co., Ltd

Part # D4535D
Download  D4535D Click to download

File Size   226.93 Kbytes
Page   5 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Voltage ratings: 200V to 600V

D4535D Datasheet (HTML) - Nell Semiconductor Co., Ltd




Similar Part No. - D4535D

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
D4535D NELLSEMI-D4535D Datasheet
648Kb / 5P
Standard Recovery Diodes
D4535D02 NELLSEMI-D4535D02 Datasheet
648Kb / 5P
Standard Recovery Diodes
D4535D04 NELLSEMI-D4535D04 Datasheet
648Kb / 5P
Standard Recovery Diodes
D4535D06 NELLSEMI-D4535D06 Datasheet
648Kb / 5P
Standard Recovery Diodes
D4535D NELLSEMI-D4535D_17 Datasheet
648Kb / 5P
Standard Recovery Diodes
More results


Similar Description - D4535D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG16UD100 SECOS-SFG16UD100 Datasheet
227Kb / 2P
Voltage 200V ~600V 16.0 Amp Super Fast Rectifier
logo
Nell Semiconductor Co.,...
D2060D NELLSEMI-D2060D Datasheet
227Kb / 5P
High voltage ratings up to 4500V
D2140D NELLSEMI-D2140D Datasheet
225Kb / 5P
High voltage ratings up to 3600V
D2500D NELLSEMI-D2500D Datasheet
228Kb / 5P
High voltage ratings up to 2500V
D2630D NELLSEMI-D2630D Datasheet
226Kb / 5P
High voltage ratings up to 2500V
D3000D NELLSEMI-D3000D Datasheet
228Kb / 5P
High voltage ratings up to 2500V
D3270D NELLSEMI-D3270D Datasheet
226Kb / 5P
High voltage ratings up to 2200V
D3800E NELLSEMI-D3800E Datasheet
227Kb / 5P
High voltage ratings up to 5500V
D4310E NELLSEMI-D4310E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
D5290E NELLSEMI-D5290E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com