Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX690A Datasheet (PDF) - Maxim Integrated Products

MAX690A Datasheet PDF - Maxim Integrated Products
Part # MAX690A
Download  MAX690A Download
File Size   98.52 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor Supervisory Circuits

MAX690A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX690A Datasheet PDF - Maxim Integrated Products

Part # MAX690A
Download  MAX690A Click to download

File Size   98.52 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor Supervisory Circuits

MAX690A Datasheet (HTML) - Maxim Integrated Products


MAX690A Product details

General Description
The MAX690A/MAX692A/MAX802L/MAX802M/MAX805L reduce the complexity and number of components required for power-supply monitoring and battery-control functions in microprocessor (µP) systems. They significantly improve system reliability and accuracy compared to separate ICs or discrete components.

These parts provide four functions:
1) A reset output during power-up, power-down, and brownout conditions.
2) Battery-backup switching for CMOS RAM, CMOS µP, or other low-power logic.
3) A reset pulse if the optional watchdog timer has not been toggled within 1.6sec.
4) A 1.25V threshold detector for power-fail warning or low-battery detection, or to monitor a power supply other than +5V.

The parts differ in their reset-voltage threshold levels and reset outputs. The MAX690A/MAX802L/MAX805L generate a reset pulse when the supply voltage drops below 4.65V, and the MAX692A/MAX802M generate a reset below 4.40V. The MAX802L/MAX802M guaran tee power-fail accuracies to ±2%. The MAX805L is the same as the MAX690A except that RESET is provided instead of RESET.
All parts are available in 8-pin DIP and SO packages. The MAX690A/MAX802L are pin compatible with the MAX690 and MAX694. The MAX692A/MAX802M are pin compatible with the MAX692.

Features
♦ Precision Supply-Voltage Monitor:
   4.65V for MAX690A/MAX802L/MAX805L
   4.40V for MAX692A/MAX802M
♦ Reset Time Delay – 200ms
♦ Watchdog Timer – 1.6sec Timeout
♦ Battery-Backup Power Switching
♦ 200µA Quiescent Supply Current
♦ 50nA Quiescent Supply Current in Battery Backup Mode
♦ Voltage Monitor for Power-Fail or Low-Battery Warning
♦ Power-Fail Accuracy Guaranteed to ±2% (MAX802L/M)
♦ Guaranteed RESET Assertion to VCC = 1V
♦ 8-Pin SO and DIP Packages

Applications
   Battery-Powered Computers and Controllers
   Intelligent Instruments
   Automotive Systems
   Critical µP Power Monitoring




Similar Part No. - MAX690A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690A MAXIM-MAX690A Datasheet
570Kb / 12P
Microprocessor Supervisory Circuits
Rev 4; 12/05
MAX690AC/D MAXIM-MAX690AC/D Datasheet
570Kb / 12P
Microprocessor Supervisory Circuits
Rev 4; 12/05
MAX690AC/D MAXIM-MAX690AC/D Datasheet
556Kb / 13P
Microprocessor Supervisory Circuits
2015
MAX690ACPA MAXIM-MAX690ACPA Datasheet
570Kb / 12P
Microprocessor Supervisory Circuits
Rev 4; 12/05
MAX690ACPA MAXIM-MAX690ACPA Datasheet
556Kb / 13P
Microprocessor Supervisory Circuits
2015
More results


Similar Description - MAX690A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com