Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6954 Datasheet (PDF) - Maxim Integrated Products

MAX6954 Datasheet PDF - Maxim Integrated Products
Part # MAX6954
Download  MAX6954 Download
File Size   395.49 Kbytes
Page   38 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan

MAX6954 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6954 Datasheet PDF - Maxim Integrated Products

Part # MAX6954
Download  MAX6954 Click to download

File Size   395.49 Kbytes
Page   38 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan

MAX6954 Datasheet (HTML) - Maxim Integrated Products


MAX6954 Product details

General Description

The MAX6954 is a compact display driver that interfaces microprocessors to a mix of 7-segment, 14-segment, and 16-segment LED displays through an SPI™- or QSPI™-compatible 4-wire serial interface. The serial interface may be cascaded through multiple devices. The MAX6954 drives up to 16 digits 7-segment, 8 digits 14-segment, 8 digits 16-segment, or 128 discrete LEDs, while functioning from a supply voltage as low as 2.7V. The driver includes five I/O expander (or GPIO) lines, some or all of which may be configured as a key switch reader, which automatically scans and debounces a matrix of up to 32 switches.



Features

♦ High-Speed 26MHz SPI/QSPI/MICROWIRE™-Compatible Serial Interface

♦ 2.7V to 5.5V Operation

♦ Drives Up to 16 Digits 7-Segment, 8 Digits 14-Segment, 8 Digits 16-Segment, 128 Discrete LEDs, or a Combination of Digit Types

♦ Drives Common-Cathode Monocolor and Bicolor LED Displays

♦ Built-In ASCII 104-Character Font for 14-Segment and 16-Segment Digits and Hexadecimal Font for 7-Segment Digits

♦ Automatic Blinking Control for each Segment

♦ 10µA (typ) Low-Power Shutdown (Data Retained)

♦ 16-Step Digit-by-Digit Digital Brightness Control

♦ Display Blanked on Power-Up

♦ Slew-Rate Limited Segment Drivers for Lower EMI

♦ Five GPIO Port Pins Can Be Configured as Key Switch Reader to Scan and Debounce Up to 32 Switches with n-Key Rollover

♦ IRQ Output when a Key Input Is Debounced

♦ 36-Pin SSOP and 40-Pin DIP and TQFN Packages

♦ Automotive Temperature Range Standard



Applications

  Set-Top Boxes

  Automotive

  Panel Meters

  Bar Graph Displays

  White Goods

  Audio/Video Equipment



 




Similar Part No. - MAX6954

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6954 MAXIM-MAX6954 Datasheet
339Kb / 39P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954AAX MAXIM-MAX6954AAX Datasheet
339Kb / 39P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954AAX MAXIM-MAX6954AAX Datasheet
1Mb / 39P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6954APL MAXIM-MAX6954APL Datasheet
339Kb / 39P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6954APL MAXIM-MAX6954APL Datasheet
1Mb / 39P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
More results


Similar Description - MAX6954

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
MAX6955 MAXIM-MAX6955 Datasheet
552Kb / 39P
2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6957 MAXIM-MAX6957 Datasheet
333Kb / 23P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6955 MAXIM-MAX6955_15 Datasheet
497Kb / 40P
2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
MAX6957 MAXIM-MAX6957_14 Datasheet
1Mb / 23P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
Rev 5; 7/14
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com