Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX700 Datasheet (PDF) - Maxim Integrated Products

MAX700 Datasheet PDF - Maxim Integrated Products
Part # MAX700
Download  MAX700 Download
File Size   133.67 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Power-Supply Monitor with Reset

MAX700 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX700 Datasheet PDF - Maxim Integrated Products

Part # MAX700
Download  MAX700 Click to download

File Size   133.67 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Power-Supply Monitor with Reset

MAX700 Datasheet (HTML) - Maxim Integrated Products


MAX700 Product details

General Description
The MAX700/MAX701/MAX702 are supervisory circuits used to monitor the power supplies in microprocessor (µP) and digital systems. The RESET/RESET outputs of the MAX700/MAX701/MAX702 are guaranteed to be in the correct state for VCC voltages down to +1V (Figure 4). They provide excellent circuit reliability and low cost by eliminating external components and adjustments when used with +5V-powered circuits.
The MAX702 is the simplest part in the family. When VCC falls to 4.65V, RESET goes low. The MAX702 also provides a debounced manual-reset input. The MAX701 performs the same functions but has both RESET and RESET outputs. Their primary function is to provide a system reset. Accordingly, an active reset signal is supplied for low supply voltages and for at least 200ms after the supply voltage reaches its operating value.
In addition to the features of the MAX701 and MAX702, the MAX700 provides preset or adjustable-voltage detection so thresholds other than 4.65V can be select ed, and adjustable hysteresis. All parts are supplied in 8-pin PDIP and narrow-SO packages in commercial and extended temperature ranges.

Features
● Min 200ms RESET Pulse on Power-Up, Power
   Down, and During Low-Voltage Conditions
● Reset Threshold Factory Trimmed for +5V Systems
● No External Components or Adjustments with
   +5V-Powered Circuits
● Debounced Manual-Reset Input
● Preset or Adjustable-Voltage Detection (MAX700)
● Adjustable Hysteresis (MAX700)
● 8-Pin PDIP and Narrow-SO Packages

Applications
● Computers
● Controllers
● Intelligent Instruments
● Critical µP Power Monitoring




Similar Part No. - MAX700

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX7000 ALTERA-MAX7000 Datasheet
1Mb / 66P
Programmable Logic Device Family
MAX7000 ALTERA-MAX7000 Datasheet
1Mb / 66P
Programmable Logic Device Family
MAX7000 ALTERA-MAX7000 Datasheet
1Mb / 66P
Programmable Logic Device Family
logo
Altech corporation
MAX7000 ALTECH-MAX7000 Datasheet
1Mb / 66P
Programmable Logic Device Family
September 2005, ver. 6.7
logo
Altera Corporation
MAX7000A ALTERA-MAX7000A Datasheet
943Kb / 60P
Programmable Logic Device
More results


Similar Description - MAX700

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM709 AD-ADM709 Datasheet
224Kb / 4P
Power Supply Monitor with Reset
REV.0
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
Power Supply reset Monitor with 1% Precision
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
SOT-23 POWER SUPPLY RESET MONITOR
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
Power Supply Monitor with Reset
REV. 0
logo
Maxim Integrated Produc...
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
Power-Supply Monitor with Reset
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com