Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX703 Datasheet (PDF) - Maxim Integrated Products

MAX703 Datasheet PDF - Maxim Integrated Products
Part # MAX703
Download  MAX703 Download
File Size   351.02 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost 關P Supervisory Circuits with Battery Backup

MAX703 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX703 Datasheet PDF - Maxim Integrated Products

Part # MAX703
Download  MAX703 Click to download

File Size   351.02 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost 關P Supervisory Circuits with Battery Backup

MAX703 Datasheet (HTML) - Maxim Integrated Products


MAX703 Product details

General Description
The MAX703/MAX704 microprocessor (μP) supervisory circuits reduce the complexity and number of components required for power-supply monitoring and battery control functions in μP systems. These devices significantly improve system reliability and accuracy compared to that obtained with separate ICs or discrete components.
The MAX703/MAX704 are available in 8-pin DIP and SO packages and provide four functions:

   1) An active-low reset during power-up, power-down, and
      brownout conditions.
   2) Battery-backup switching for CMOS RAM, CMOS μPs,
      or other low-power logic circuitry.
   3) A 1.25V threshold detector for power-fail warning,
      low-battery detection, or for monitoring a power supply
      other than +5V.
   4) An active-low manual reset input.
  
The MAX703 and MAX704 differ only in their supplyvolt age monitor levels. The MAX703 generates a reset when the supply drops below 4.65V, while the MAX704 gener ates a reset below 4.40V.

Features
● Battery-Backup Power Switching
● Precision Supply-Voltage Monitor
   • 4.65V (MAX703)
   • 4.40V (MAX704)
● 200ms Reset Pulse Width
● Debounced TTL/CMOS-Compatible Manual Reset
   Input
● 200μA Quiescent Current
● 50nA Quiescent Current in Battery-Backup Mode
● Voltage Monitor for Power-Fail or Low-Battery
   Warning
● 8-Pin DIP and SO Packages
● Guaranteed RESET Assertion to VCC = 1V

Applications
   ● Computers
   ● Controllers
   ● Intelligent Instruments
   ● Critical μP Power Monitoring




Similar Part No. - MAX703

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7030 MAXIM-MAX7030 Datasheet
735Kb / 20P
Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX7030 MAXIM-MAX7030 Datasheet
245Kb / 20P
Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7030 MAXIM-MAX7030 Datasheet
243Kb / 20P
Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 3; 11/10
MAX7030 MAXIM-MAX7030 Datasheet
281Kb / 20P
Low-Cost, 315MHz and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 4; 6/12
MAX7030-ATJ MAXIM-MAX7030-ATJ Datasheet
735Kb / 20P
Low-Cost, 315MHz, 345MHz, and 433.92MHz ASK Transceiver with Fractional-N PLL
Rev 0; 5/05
More results


Similar Description - MAX703

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
關P Supervisory Circuits
logo
Maxim Integrated Produc...
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
Low-Cost, 關P Supervisory Circuits
2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com