Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX712 Datasheet (PDF) - Maxim Integrated Products

MAX712 Datasheet PDF - Maxim Integrated Products
Part # MAX712
Download  MAX712 Download
File Size   168.42 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description NiCd/NiMH Battery Fast-Charge Controllers

MAX712 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX712 Datasheet PDF - Maxim Integrated Products

Part # MAX712
Download  MAX712 Click to download

File Size   168.42 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description NiCd/NiMH Battery Fast-Charge Controllers

MAX712 Datasheet (HTML) - Maxim Integrated Products


MAX712 Product details

General Description
The MAX712/MAX713 fast-charge Nickel Metal Hydride (NiMH) and Nickel Cadmium (NiCd) batteries from a DC source at least 1.5V higher than the maximum battery voltage. 1 to 16 series cells can be charged at rates up to 4C. A voltage-slope detecting analog-to-digital converter, timer, and temperature window comparator determine charge completion.

Features
♦ Fast-Charge NiMH or NiCd Batteries
♦ Voltage Slope, Temperature, and Timer Fast-Charge Cutoff
♦ Charge 1 to 16 Series Cells
♦ Supply Battery’s Load While Charging (Linear Mode)
♦ Fast Charge from C/4 to 4C Rate
♦ C/16 Trickle-Charge Rate
♦ Automatically Switch from Fast to Trickle Charge
♦ Linear or Switch-Mode Power Control
♦ 5µA (max) Drain on Battery when Not Charging
♦ 5V Shunt Regulator Powers External Logic

Applications
    Battery-Powered Equipment
        Laptop, Notebook, and Palmtop Computers
        Handy-Terminals
        Cellular Phones
    Portable Consumer Products
        Portable Stereos
        Cordless Phones




Similar Part No. - MAX712

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712 Datasheet
777Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712 Datasheet
229Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
MAX7129 MAXIM-MAX7129 Datasheet
628Kb / 12P
4-1/2 Digit Single-Chip A/D Converter with LCD Driver
MAX7129CC/D MAXIM-MAX7129CC/D Datasheet
628Kb / 12P
4-1/2 Digit Single-Chip A/D Converter with LCD Driver
MAX7129CJL MAXIM-MAX7129CJL Datasheet
628Kb / 12P
4-1/2 Digit Single-Chip A/D Converter with LCD Driver
More results


Similar Description - MAX712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
NiCd/NiMH Fast-Charge Management ICs
2/99
logo
Maxim Integrated Produc...
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
logo
Texas Instruments
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
NiCd/NiMH Fast-Charge Management ICs
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
NiCd/NiMH Fast-Charge Management IC
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
2013
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com