Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX724 Datasheet (PDF) - Maxim Integrated Products

MAX724 Datasheet PDF - Maxim Integrated Products
Part # MAX724
Download  MAX724 Download
File Size   92.16 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators

MAX724 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX724 Datasheet PDF - Maxim Integrated Products

Part # MAX724
Download  MAX724 Click to download

File Size   92.16 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators

MAX724 Datasheet (HTML) - Maxim Integrated Products


MAX724 Product details

General Description
The MAX724/MAX726 are monolithic, bipolar, pulsewidth modulation (PWM), switch-mode DC-DC regulators optimized for step-down applications. The MAX724 is rated at 5A, and the MAX726 at 2A. Few external components are needed for standard operation because the power switch, oscillator, and control circuitry are all on-chip. Employing a classic buck topology, these regulators perform high-current stepdown functions, but can also be configured as inverters, negative boost converters, or flyback converters.

Features
♦ Input Range: Up to 40V
♦ 5A On-Chip Power Switch (MAX724) 2A On-Chip Power Switch (MAX726)
♦ Adjustable Output: 2.5V to 35V
♦ 100kHz Switching Frequency
♦ Excellent Dynamic Characteristics
♦ Few External Components
♦ 8.5mA Quiescent Current
♦ TO-220 Package

Applications
    Distributed Power from High-Voltage Buses
    High-Current, High-Voltage Step-Down Applications
    High-Current Inverter
    Negative Boost Converter
    Multiple-Output Buck Converter
    Isolated DC-DC Conversion




Similar Part No. - MAX724

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX724 MAXIM-MAX724 Datasheet
39Kb / 4P
5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
Dallas Semiconductor
MAX724 DALLAS-MAX724 Datasheet
22Kb / 2P
Switch-Mode Battery Charger Delivers 5A
More results


Similar Description - MAX724

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
MAX787 MAXIM-MAX787 Datasheet
39Kb / 4P
5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MXL1074 MAXIM-MXL1074 Datasheet
1Mb / 4P
5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SD6039A SHOUDING-SD6039A Datasheet
757Kb / 8P
2A Step-Down PWM Switch -Mode DC/DC Regula tor
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
3.5A Step-Down PWM Switch-Mode DC/DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com