Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7300 Datasheet (PDF) - Maxim Integrated Products

MAX7300 Datasheet PDF - Maxim Integrated Products
Part # MAX7300
Download  MAX7300 Download
File Size   348.77 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander

MAX7300 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7300 Datasheet PDF - Maxim Integrated Products

Part # MAX7300
Download  MAX7300 Click to download

File Size   348.77 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander

MAX7300 Datasheet (HTML) - Maxim Integrated Products


MAX7300 Product details

General Description
The MAX7300 compact, serial-interfaced, I/O expansion peripheral provides microprocessors with up to 28 ports. Each port is individually user configurable to either a logic input or logic output.
Each port can be configured as either a push-pull logic output capable of sinking 10mA and sourcing 4.5mA, or a Schmitt logic input with optional internal pullup. Seven ports feature configurable transition detection logic, which generates an interrupt upon change of port logic level. The MAX7300 is controlled through an I2C-compatible 2-wire serial interface, and uses four-level logic to allow 16 I2C addresses from only two select pins.
The MAX7300AAX and MAX7300ATL have 28 ports and are available in 36-pin SSOP and 40-pin TQFN packages, respectively. The MAX7300AAI and MAX7300ATI have 20 ports and are available in 28-pin SSOP and TQFN packages. For an SPI-interfaced version, refer to the MAX7301 data sheet. For a pin-compatible port expander with additional 24mA constant-current LED drive capability, refer to the MAX6956 data sheet.

Features
♦ 400kbps I2C-Compatible Serial Interface
♦ 2.5V to 5.5V Operation
♦ -40°C to +125°C Temperature Range
♦ 20 or 28 I/O Ports, Each Configurable as
   Push-Pull Logic Output
   Schmitt Logic Input
   Schmitt Logic Input with Internal Pullup
♦ 11µA (max) Shutdown Current
♦ Logic Transition Detection for Seven I/O Ports

Applications
   White Goods
   Industrial Controllers
   Automotive
   System Monitoring




Similar Part No. - MAX7300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7300 MAXIM-MAX7300 Datasheet
205Kb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX7300AAI MAXIM-MAX7300AAI Datasheet
205Kb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX7300AAI MAXIM-MAX7300AAI Datasheet
1Mb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 8; 5/14
MAX7300AAX MAXIM-MAX7300AAX Datasheet
205Kb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX7300AAX MAXIM-MAX7300AAX Datasheet
1Mb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 8; 5/14
More results


Similar Description - MAX7300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7301 MAXIM-MAX7301 Datasheet
1Mb / 18P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 3; 10/03
MAX6956 MAXIM-MAX6956 Datasheet
381Kb / 27P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 2; 11/03
MAX6956 MAXIM-MAX6956_09 Datasheet
201Kb / 24P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
Rev 3; 3/09
MAX7301 MAXIM-MAX7301_06 Datasheet
281Kb / 17P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7300 MAXIM-MAX7300_11 Datasheet
205Kb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 7; 9/11
MAX7301AAXT MAXIM-MAX7301AAXT Datasheet
281Kb / 17P
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
Rev 6; 4/06
MAX7300 MAXIM-MAX7300_14 Datasheet
1Mb / 20P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port I/O Expander
Rev 8; 5/14
MAX7301 MAXIM-MAX7301_15 Datasheet
1Mb / 17P
4-Wire-Interfaced, 2.5V to 5.5V,20-Port and 28-Port I/O Expander
Rev 8; 4/15
MAX7301 MAXIM-MAX7301_V01 Datasheet
1Mb / 17P
4-Wire-Interfaced, 2.5V to 5.5V 20-Port and 28-Port I/O Expander
19-2438; Rev 10; 8/20
MAX6956 MAXIM-MAX6956_V01 Datasheet
1Mb / 24P
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com