Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7403 Datasheet (PDF) - Maxim Integrated Products

MAX7403 Datasheet PDF - Maxim Integrated Products
Part # MAX7403
Download  MAX7403 Download
File Size   190.43 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters

MAX7403 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7403 Datasheet PDF - Maxim Integrated Products

Part # MAX7403
Download  MAX7403 Click to download

File Size   190.43 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters

MAX7403 Datasheet (HTML) - Maxim Integrated Products


MAX7403 Product details

General Description
The MAX7400/MAX7403/MAX7404/MAX7407 8th-order, lowpass, elliptic, switched-capacitor filters (SCFs) operate from a single +5V (MAX7400/MAX7403) or +3V (MAX7404/MAX7407) supply. These devices draw 2mA of supply current and allow corner frequencies from 1Hz to 10kHz, making them ideal for low-power anti-aliasing and post-DAC filtering applications. They feature a shutdown mode that reduces the supply current to 0.2µA.
Two clocking options are available: self-clocking (through the use of an external capacitor) or external clocking for tighter cutoff-frequency control. In addition, an offset adjustment pin (OS) allows for the adjustment of the DC output level.
The MAX7400/MAX7404 provide 82dB of stopband rejection and a sharp rolloff with a transition ratio of 1.5. The MAX7403/MAX7407 provide a sharper rolloff with a transition ratio of 1.2, while still delivering 60dB of stop band rejection. The fixed response of these devices simplifies the design task to corner-frequency selection by setting a clock frequency. The MAX7400/MAX7403/MAX7404/MAX7407 are available in 8-pin SO and DIP packages.

Features
♦ 8th-Order Lowpass Elliptic Filter
♦ Low Noise and Distortion
   -82dB THD + Noise (MAX7400)
♦ Clock-Tunable Corner Frequency (1Hz to 10kHz)
♦ 100:1 Clock-to-Corner Ratio
♦ Single-Supply Operation
   +5V (MAX7400/MAX7403)
   +3V (MAX7404/MAX7407)
♦ Low Power
   2mA (Operating Mode)
   0.2µA (Shutdown Mode)
♦ Available in 8-Pin SO and DIP Packages
♦ Low Output Offset: ±5mV

Applications
   ADC Anti-Aliasing
   Speech Processing
   Post-DAC Filtering
   Air-Bag Electronics
   CT2 Base Stations




Similar Part No. - MAX7403

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX7403 AD-MAX7403 Datasheet
194Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 2
MAX7403CPA AD-MAX7403CPA Datasheet
194Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 2
MAX7403CSA AD-MAX7403CSA Datasheet
194Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 2
MAX7403EPA AD-MAX7403EPA Datasheet
194Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 2
MAX7403ESA AD-MAX7403ESA Datasheet
194Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 2
More results


Similar Description - MAX7403

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
5th-Order, Lowpass, Switched-Capacitor Filters
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com