Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX753 Datasheet (PDF) - Maxim Integrated Products

MAX753 Datasheet PDF - Maxim Integrated Products
Part # MAX753
Download  MAX753 Download
File Size   103.71 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description CCFL Backlight and LCD Contrast Controllers

MAX753 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX753 Datasheet PDF - Maxim Integrated Products

Part # MAX753
Download  MAX753 Click to download

File Size   103.71 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description CCFL Backlight and LCD Contrast Controllers

MAX753 Datasheet (HTML) - Maxim Integrated Products


MAX753 Product details

General Description
The MAX753/MAX754 drive cold-cathode fluorescent lamps (CCFLs) and provide the LCD backplane bias (contrast) power for color or monochrome LCD panels. These ICs are designed specifically for backlit notebook-computer applications.
Both the backplane bias and the CCFL supply can be shut down independently. When both sections are shut down, supply current drops to 25µA. The LCD contrast and CCFL brightness can be adjusted by clocking separate digital inputs or using external potentiometers. LCD contrast and backlight brightness settings are preserved in their respective counters while in shutdown. On power-up, the LCD contrast counter and CCFL brightness counter are set to one-half scale. The ICs are powered from a regulated 5V supply. The magnetics are connected directly to the battery, for maximum power efficiency.
The CCFL driver uses a Royer-type resonant architecture. It can provide from 100mW to 6W of power to one or two tubes. The MAX753 provides a negative LCD bias voltage; the MAX754 provides a positive LCD bias voltage.

Features
♦ Drives Backplane and Backlight
♦ 4V to 30V Battery Voltage Range
♦ Low 500µA Supply Current
♦ Digital or Potentiometer Control of CCFL
   Brightness and LCD Bias Voltage
♦ Negative LCD Contrast (MAX753)
♦ Positive LCD Contrast (MAX754)
♦ Independent Shutdown of Backlight and
   Backplane Sections
♦ 25µA Shutdown Supply Current

Applications
   Notebook Computers
   Palmtop Computers
   Pen-Based Data Systems
   Personal Digital Assistants
   Portable Data-Collection Terminals




Similar Part No. - MAX753

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753 Datasheet
433Kb / 16P
CCFL Backlight and LCD Contrast Controllers
1995
MAX7530J/D MAXIM-MAX7530J/D Datasheet
192Kb / 4P
CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MAX7530JCWE MAXIM-MAX7530JCWE Datasheet
192Kb / 4P
CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MAX7530JD MAXIM-MAX7530JD Datasheet
192Kb / 4P
CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MAX7530JN MAXIM-MAX7530JN Datasheet
192Kb / 4P
CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
More results


Similar Description - MAX753

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1182 LINER-LT1182 Datasheet
409Kb / 24P
CCFL/LCD Contrast Switching Regulators
logo
Micro Linear Corporatio...
ML4876 MICRO-LINEAR-ML4876 Datasheet
174Kb / 9P
LCD Backlight Lamp Driver with Contrast
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
CCFL BACKLIGHT CONTROLLER
logo
Maxim Integrated Produc...
MAX1895 MAXIM-MAX1895 Datasheet
1Mb / 31P
High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Rev 1; 10/02
logo
Linear Technology
LT1182 LINER-LT1182_15 Datasheet
340Kb / 24P
CCFL/LCD Contrast Switching Regulators
LT1183 LINER-LT1183_15 Datasheet
340Kb / 24P
CCFL/LCD Contrast Switching Regulators
LT1184 LINER-LT1184_15 Datasheet
340Kb / 24P
CCFL/LCD Contrast Switching Regulators
LT1184F LINER-LT1184F_15 Datasheet
340Kb / 24P
CCFL/LCD Contrast Switching Regulators
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
CCFL Backlight and LCD Contrast Controllers
1995
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com