Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX781 Datasheet (PDF) - Maxim Integrated Products

MAX781 Datasheet PDF - Maxim Integrated Products
Part # MAX781
Download  MAX781 Download
File Size   185.03 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PDA/Hand-Held Computer Power Controller

MAX781 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX781 Datasheet PDF - Maxim Integrated Products

Part # MAX781
Download  MAX781 Click to download

File Size   185.03 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description PDA/Hand-Held Computer Power Controller

MAX781 Datasheet (HTML) - Maxim Integrated Products


MAX781 Product details

General Description
The MAX781 is a system-engineered power-supply controller for subnotebook computers, PDAs, or similar battery-powered equipment. It provides high-performance, step-down (buck), pulse-width modulated (PWM) control for generating +3.3V and constant-current battery charging. Dual PCMCIA VPP outputs are powered by a regulated flyback winding. Five high-side gate drivers and a buffered analog multiplexer are also included. All functions are controlled by an SPI/Microwire™ compatible four-wire serial interface.

Features
♦ +3.3V Step-Down Controller
♦ Dual PCMCIA 2.0 Compatible VPP Outputs (0V/3.3V/5V/12V)
♦ Digitally Adjustable Switching Current Source for Battery Charging
♦ 5 High-Side Switch Gate-Driver Outputs
♦ SPI Serial Interface
♦ 300kHz Switching Frequency
♦ Oscillator SYNC Input
♦ 2.5V ±1.5% Reference Output
♦ 36-Pin SSOP Package

Applications
   Subnotebook Computers
   PDAs
   Communicating Computers
   Handy-Terminals




Similar Part No. - MAX781

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
MAX78000 MAXIM-MAX78000 Datasheet
428Kb / 47P
Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000EXG+ MAXIM-MAX78000EXG+ Datasheet
428Kb / 47P
Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
MAX78000FTHR MAXIM-MAX78000FTHR Datasheet
1Mb / 16P
MAX78000FTHR Application Platform
Rev 0; 11/20
MAX780AC/D MAXIM-MAX780AC/D Datasheet
134Kb / 12P
Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
More results


Similar Description - MAX781

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-300S SICK-IDM140-300S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
HAND-HELD SCANNERS
2017-05-12
logo
Harris Corporation
HHC-731 HARRIS-HHC-731 Datasheet
123Kb / 2P
HHC-731 Hand Held Controller
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com