Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3G120 Datasheet (PDF) - International Rectifier

M3G120 Datasheet PDF - International Rectifier
Part # M3G120
Download  M3G120 Download
File Size   161.17 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 120V Input, Single/Dual Output

M3G120 Datasheet (PDF)

Go To PDF Page Download Datasheet
M3G120 Datasheet PDF - International Rectifier

Part # M3G120
Download  M3G120 Click to download

File Size   161.17 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 120V Input, Single/Dual Output

M3G120 Datasheet (HTML) - International Rectifier




Similar Part No. - M3G120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3G1 ETC1-M3G1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
logo
ebm-papst
M3G112-EA EBMPAPST-M3G112-EA Datasheet
949Kb / 5P
EC centrifugal fan - RadiPac
M3G112-EA EBMPAPST-M3G112-EA Datasheet
1Mb / 6P
EC centrifugal fan - RadiPac
M3G112-GA EBMPAPST-M3G112-GA Datasheet
1Mb / 6P
EC centrifugal fan - RadiPac
M3G150-IF EBMPAPST-M3G150-IF Datasheet
1Mb / 7P
EC centrifugal module - RadiPac
2019-03-27
More results


Similar Description - M3G120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
200V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
50V Input, Single/Dual Output
M3G70 IRF-M3G70_15 Datasheet
186Kb / 13P
70V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
28V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
28V Input, Single/Dual Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
28V Input, Single/Dual Output
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com