Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX792 Datasheet (PDF) - Maxim Integrated Products

MAX792 Datasheet PDF - Maxim Integrated Products
Part # MAX792
Download  MAX792 Download
File Size   250.02 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor and Non-Volatile Memory Supervisory Circuits

MAX792 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX792 Datasheet PDF - Maxim Integrated Products

Part # MAX792
Download  MAX792 Click to download

File Size   250.02 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Microprocessor and Non-Volatile Memory Supervisory Circuits

MAX792 Datasheet (HTML) - Maxim Integrated Products


MAX792 Product details

General Description
The MAX792/MAX820 microprocessor (µP) supervisory circuits provide the most functions for power-supply and watchdog monitoring in systems without battery backup. Built-in features include the following:
• µP reset: Assertion of RESET and RESET outputs during
   power-up, power-down, and brownout conditions.
   RESET is guaranteed valid for VCC down to 1V.
• Manual-reset input.
• Two-stage power-fail warning: A separate low-line
   comparator compares VCC to a preset threshold
   120mV above the reset threshold; the low-line and
   reset thresholds can be programmed externally.
• Watchdog fault output: Assertion of WDO if the watchdog
   input is not toggled within a preset timeout
   period.
• Pulsed watchdog output: Advance warning of
   impending WDO assertion from watchdog timeout that
   causes hardware shutdown.
• Write protection of CMOS RAM, EEPROM, or other
   memory devices.
  
The MAX792 and MAX820 are identical, except the MAX820 guarantees higher low-line and reset threshold accuracy (±2%).

Features
♦ Manual-Reset Input
♦ 200ms Power-OK/Reset Time Delay
♦ Independent Watchdog Timer—Preset or Adjustable
♦ On-Board Gating of Chip-Enable Signals
♦ Memory Write-Cycle Completion
♦ 10ns (max) Chip-Enable Gate Propagation Delay
♦ Voltage Monitor for Overvoltage Warning
♦ ±2% Reset and Low-Line Threshold Accuracy
   (MAX820, external programming mode)

Applications
   Computers
   Controllers
   Intelligent Instruments
   Critical µP Power Monitoring




Similar Part No. - MAX792

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX792C MAXIM-MAX792C Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792CPE MAXIM-MAX792CPE Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792CSE MAXIM-MAX792CSE Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792D MAXIM-MAX792D Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
MAX792EJE MAXIM-MAX792EJE Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
More results


Similar Description - MAX792

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792_05 Datasheet
340Kb / 16P
Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
logo
ATMEL Corporation
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
Data and Non-volatile Program Memory
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
Data and non-volatile program memory
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com