Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM604A Datasheet (PDF) - Unisonic Technologies

UM604A Datasheet PDF - Unisonic Technologies
Part # UM604A
Download  UM604A Download
File Size   271.21 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUAD OPERATIONAL AMPLIFIER

UM604A Datasheet (PDF)

Go To PDF Page Download Datasheet
UM604A Datasheet PDF - Unisonic Technologies

Part # UM604A
Download  UM604A Click to download

File Size   271.21 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUAD OPERATIONAL AMPLIFIER

UM604A Datasheet (HTML) - Unisonic Technologies


UM604A Product details

DESCRIPTION
The UTC UM604/A is a monolithic IC that includes four op-amps and an adjustable shunt voltage reference. This device is offering space and cost saving in many applications like power supply management or data acquisition systems.

FEATURES
OPERATIONAL AMPLIFIER
* Low supply current : 375µA/op.(@ VCC= 5 V)
* Low input bias current : 20nA
* Medium speed : 0.9MHz
* Low input offset voltage : 0.5mV typ for UM604
* Wide power supply range: ±1.5 ~ ±15V

VOLTAGE REFERENCE
* Adjustable output voltage : VREF to 36V
* 0.4% and 1% voltage precision
* Sink current capability : 1 ~ 100mA
* Typical output impedance : 0.2Ω




Similar Part No. - UM604A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM604A UTC-UM604A Datasheet
187Kb / 6P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
UM604A-D16-T UTC-UM604A-D16-T Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
E-Tech Electronics LTD
UM604A-D16-T ETL-UM604A-D16-T Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
Unisonic Technologies
UM604A-S16-R UTC-UM604A-S16-R Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
E-Tech Electronics LTD
UM604A-S16-R ETL-UM604A-S16-R Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Similar Description - UM604A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
QUAD OPERATIONAL AMPLIFIER
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Renesas Technology Corp
HA17324A RENESAS-HA17324A Datasheet
104Kb / 8P
Quad Operational Amplifier
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com