Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX887 Datasheet (PDF) - Maxim Integrated Products

MAX887 Datasheet PDF - Maxim Integrated Products
Part # MAX887
Download  MAX887 Download
File Size   146.21 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter

MAX887 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX887 Datasheet PDF - Maxim Integrated Products

Part # MAX887
Download  MAX887 Click to download

File Size   146.21 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter

MAX887 Datasheet (HTML) - Maxim Integrated Products


MAX887 Product details

General Description

The MAX887 high-efficiency, step-down DC-DC converter provides an adjustable output from 1.25V to 10.5V. It accepts inputs from 3.5V to 11V and delivers 600mA. Operation to 100% duty cycle minimizes dropout voltage (300mV typ at 500mA). Synchronous rectification reduces output rectifier losses, resulting in efficiency as high as 95%.

Fixed-frequency pulse-width modulation (PWM) reduces noise in sensitive communications applications. Using a high-frequency internal oscillator allows tiny surface-mount components to reduce PC board area, and eliminates audio-frequency interference. A SYNC input allows synchronization to an external clock to avoid interference with sensitive RF and data acquisition circuits.



Features

♦ 95% Efficiency

♦ 600mA Output Current

♦ Cycle-by-Cycle Current Limiting

♦ Low-Dropout, 100% Duty-Cycle Operation, 300mV at 500mA

♦ Internal 0.6Ω (typ) MOSFET

♦ Internal Synchronous Rectifier

♦ High-Frequency Current-Mode PWM

♦ External SYNC or Internal 300kHz Oscillator

♦ Guaranteed 260kHz to 340kHz Internal Oscillator Frequency Limits

♦ 2.5µA Shutdown Mode



Applications

  Portable Instruments

  Cellular Phones and Radios

  Personal Communicators

  Distributed Power Systems

  Computer Peripherals



 




Similar Part No. - MAX887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8873 MAXIM-MAX8873 Datasheet
115Kb / 8P
Low-Dropout, 120mA Linear Regulators
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8873REUK+T MAXIM-MAX8873REUK+T Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8873REUK-T MAXIM-MAX8873REUK-T Datasheet
115Kb / 8P
Low-Dropout, 120mA Linear Regulators
MAX8873REUK/V+T MAXIM-MAX8873REUK/V+T Datasheet
259Kb / 10P
Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
More results


Similar Description - MAX887

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1550 AIC-AIC1550 Datasheet
956Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
Low Noise, Step-Up PWM DC/DC Converter
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1555 AIC-AIC1555 Datasheet
717Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6550 SSC-SS6550 Datasheet
403Kb / 13P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Linear Technology
LTC3864 LINER-LTC3864 Datasheet
487Kb / 28P
60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
logo
Analog Devices
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Linear Technology
LTC3864 LINER-LTC3864_15 Datasheet
697Kb / 30P
60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
PWM step down DC/DC converter
logo
Linear Technology
LTC3894 LINER-LTC3894 Datasheet
1Mb / 32P
150V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com