Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9030 Datasheet (PDF) - Maxim Integrated Products

MAX9030 Datasheet PDF - Maxim Integrated Products
Part # MAX9030
Download  MAX9030 Download
File Size   344.98 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators

MAX9030 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9030 Datasheet PDF - Maxim Integrated Products

Part # MAX9030
Download  MAX9030 Click to download

File Size   344.98 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators

MAX9030 Datasheet (HTML) - Maxim Integrated Products


MAX9030 Product details

General Description

The MAX9030/MAX9031/MAX9032/MAX9034 single/ dual/quad comparators are optimized for single-supply applications from +2.5V to +5.5V but can also be operated from dual supplies. These comparators have a 188ns propagation delay and consume 35µA of supply current per comparator over the -40°C to +125°C operating temperature range. The combination of low

power, single-supply operation down to +2.5V, and ultra-small footprint makes these devices ideal for portable applications.



Features

♦Low-Cost Solution Available in Space-Saving SC70 Packages (MAX9030/MAX9031)

♦+2.5 to +5.5V Single-Supply Voltage Range

♦Comparator Output Swings Rail-to-Rail

♦Internal 4mV Comparator Hysteresis

♦188ns Propagation Delay

♦Low 35µA Supply Current

♦No Phase Reversal for Overdriven Inputs

♦Space-Saving Packages

  5-Pin SC70 (MAX9031)

  6-Pin SC70 (MAX9030)

  8-Pin SOT23 (MAX9032)

  14-Pin TSSOP (MAX9034)




Similar Part No. - MAX9030

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9030 MAXIM-MAX9030 Datasheet
249Kb / 10P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030 Datasheet
220Kb / 9P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9030AUT+T MAXIM-MAX9030AUT+T Datasheet
249Kb / 10P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030AUTT MAXIM-MAX9030AUTT Datasheet
220Kb / 9P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
MAX9030AXT+T MAXIM-MAX9030AXT+T Datasheet
249Kb / 10P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
More results


Similar Description - MAX9030

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9021 MAXIM-MAX9021 Datasheet
353Kb / 8P
Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators
Rev 1; 7/01
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX9075 MAXIM-MAX9075 Datasheet
108Kb / 8P
Low-Cost, Ultra-Small, 3關A Single-Supply Comparators
Rev 0; 10/99
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
MAX9030 MAXIM-MAX9030_10 Datasheet
249Kb / 10P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 1; 5/10
MAX9030 MAXIM-MAX9030_12 Datasheet
238Kb / 9P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Maxim Integrated Produc...
MAX9031AUK MAXIM-MAX9031AUK Datasheet
220Kb / 9P
Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
Rev 2; 8/12
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
Ultra-Low-Power, Single/Dual-Supply Comparators
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com