Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA4124 Datasheet (PDF) - Solid State Optronic

SMA4124 Datasheet PDF - Solid State Optronic
Part # SMA4124
Download  SMA4124 Download
File Size   223.01 Kbytes
Page   6 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description High Load Current (1A MAX Continuous)

SMA4124 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA4124 Datasheet PDF - Solid State Optronic

Part # SMA4124
Download  SMA4124 Click to download

File Size   223.01 Kbytes
Page   6 Pages
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic
Description High Load Current (1A MAX Continuous)

SMA4124 Datasheet (HTML) - Solid State Optronic




Similar Part No. - SMA4124

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SMA4124 SOLIDSTATE-SMA4124 Datasheet
235Kb / 6P
High Blocking Voltage (600V MIN)
03/05/2014
More results


Similar Description - SMA4124

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C841 SSOUSA-AD2C841 Datasheet
334Kb / 8P
High Continuous Load Current (2.5A MAX)
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
140mA maximum continuous load current
AD4C331 SSOUSA-AD4C331_15 Datasheet
213Kb / 5P
200mA maximum continuous load current
AD6C431 SSOUSA-AD6C431 Datasheet
205Kb / 5P
400mA maximum continuous load current
SDM4101 SSOUSA-SDM4101 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
SDM4102 SSOUSA-SDM4102 Datasheet
223Kb / 6P
High Continuous Load Current (3.4A)
SMA4115 SSOUSA-SMA4115 Datasheet
201Kb / 6P
High Continuous Load Current (3.4A)
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
High Load Current (0.5A MAX Continuous)
SMB4115 SSOUSA-SMB4115 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
logo
Weidmuller
2525150000 WEIDMULLER-2525150000 Datasheet
312Kb / 3P
Primary current: 32 A, Secondary current max.: 1A, Load: 0.2 VA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com