Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9316 Datasheet (PDF) - Maxim Integrated Products

MAX9316 Datasheet PDF - Maxim Integrated Products
Part # MAX9316
Download  MAX9316 Download
File Size   214.24 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver

MAX9316 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9316 Datasheet PDF - Maxim Integrated Products

Part # MAX9316
Download  MAX9316 Click to download

File Size   214.24 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver

MAX9316 Datasheet (HTML) - Maxim Integrated Products


MAX9316 Product details

General Description
The MAX9316 is a low-skew, 1-to-5 differential driver designed for clock and data distribution. This device allows selection between two inputs: one differential and one single ended. The selected input is reproduced at five differential outputs. The differential input can be adapted to accept a single-ended input by connecting the on-chip VBB supply to one input as a reference voltage.
   
Features
♦ Guaranteed 400mV Differential Output at 1.5GHz
♦ Selectable Single-Ended or Differential Input
♦ 130ps (max) Part-to-Part Skew at +25°C
♦ 20ps Output-to-Output Skew
♦ 365ps Propagation Delay
♦ Synchronous Output Enable/Disable
♦ On-Chip Reference for Single-Ended Inputs
♦ Input Biased to Low when Open
♦ Pin Compatible with MC100LVEL14
   
Applications
    Precision Clock Distribution
    Low-Jitter Data Repeater
    Data and Clock Driver and Buffer
    Central Office Backplane Clock Distribution
    DSLAM Backplane
    Base Station
    ATE
   




Similar Part No. - MAX9316

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9316AEWP MAXIM-MAX9316AEWP Datasheet
183Kb / 11P
1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
More results


Similar Description - MAX9316

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9320 MAXIM-MAX9320_V01 Datasheet
620Kb / 10P
1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com