Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX918 Datasheet (PDF) - Maxim Integrated Products

MAX918 Datasheet PDF - Maxim Integrated Products
Part # MAX918
Download  MAX918 Download
File Size   150.77 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference

MAX918 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX918 Datasheet PDF - Maxim Integrated Products

Part # MAX918
Download  MAX918 Click to download

File Size   150.77 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference

MAX918 Datasheet (HTML) - Maxim Integrated Products


MAX918 Product details

General Description
The MAX917–MAX920 nanopower comparators in space-saving SOT23 packages feature Beyond-the-Rails™ inputs and are guaranteed to operate down to +1.8V. The MAX917/MAX918 feature an on-board 1.245V ±1.5% reference and draw an ultra-low supply current of only 750nA, while the MAX919/MAX920 (without reference) require just 380nA of supply current. These features make the MAX917–MAX920 family of comparators ideal for all 2-cell battery applications, including monitoring/management.

Features
♦ Ultra-Low Supply Current
   380nA per Comparator (MAX919/MAX920)
   750nA per Comparator with Reference
   (MAX917/MAX918)
♦ Guaranteed to Operate Down to +1.8V
♦ Internal 1.245V ±1.5% Reference
   (MAX917/MAX918)
♦ Input Voltage Range Extends 200mV
   Beyond-the-Rails
♦ CMOS Push-Pull Output with ±8mA Drive
   Capability (MAX917/MAX919)
♦ Open-Drain Output Versions Available
   (MAX918/MAX920)
♦ Crowbar-Current-Free Switching
♦ Internal Hysteresis for Clean Switching
♦ No Phase Reversal for Overdriven Inputs
♦ Space-Saving SOT23 Package

Applications
   2-Cell Battery Monitoring/Management
   Ultra-Low-Power Systems
   Mobile Communications
   Notebooks and PDAs
   Threshold Detectors/Discriminators
   Sensing at Ground or Supply Line
   Telemetry and Remote Systems
   Medical Instruments




Similar Part No. - MAX918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX918 MAXIM-MAX918 Datasheet
173Kb / 10P
PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX918 MAXIM-MAX918 Datasheet
597Kb / 15P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9180 MAXIM-MAX9180 Datasheet
246Kb / 9P
400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
MAX9180EXT-T MAXIM-MAX9180EXT-T Datasheet
246Kb / 9P
400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
MAX9181 MAXIM-MAX9181 Datasheet
245Kb / 8P
Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
Rev 1; 2/04
More results


Similar Description - MAX918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Maxim Integrated Produc...
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com