Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX951 Datasheet (PDF) - Maxim Integrated Products

MAX951 Datasheet PDF - Maxim Integrated Products
Part # MAX951
Download  MAX951 Download
File Size   114.27 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low-Power, Single-Supply Op Amp Comparator Reference

MAX951 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX951 Datasheet PDF - Maxim Integrated Products

Part # MAX951
Download  MAX951 Click to download

File Size   114.27 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low-Power, Single-Supply Op Amp Comparator Reference

MAX951 Datasheet (HTML) - Maxim Integrated Products


MAX951 Product details

General Description
The MAX951–MAX954 feature combinations of a micropower operational amplifier, comparator, and reference in an 8-pin package. In the MAX951 and MAX952, the comparator’s inverting input is connected to an internal 1.2V ±2% bandgap reference. The MAX953 and MAX954 are offered without an internal reference.
The MAX951/MAX952 operate from a single 2.7V to 7V supply with a typical supply current of 7μA, while the MAX953/MAX954 operate from 2.4V to 7V with a 5μA typical supply current. Both the op amp and comparator feature a common mode input voltage range that extends from the negative supply rail to within 1.6V of the positive rail, as well as output stages that swing Rail-to-Rail®.

Features
● Op Amp + Comparator + Reference in an 8-Pin
   μMAX Package (MAX951/MAX952)
● 7μA Typical Supply Current (Op Amp + Comparator +
   Reference)
● Comparator and Op Amp Input Range Includes
   Ground
● Outputs Swing Rail to Rail
● 2.4V to 7V Supply Voltage Range
● Unity-Gain Stable and 125kHz Decompensated
   AV ≥ 10V/V Op Amp Options
● Internal 1.2V ±2% Bandgap Reference
● Internal Comparator Hysteresis
● Op Amp Capable of Driving up to 1000pF Load

Applications
● Instruments, Terminals, and Bar-Code Readers
● Battery-Powered Systems
● Low-Frequency, Local-Area Alarms/Detectors
● Photodiode Preamps
● Smart Cards
● Infrared Receivers for Remote Controls
● Smoke Detectors and Safety Sensors




Similar Part No. - MAX951

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951 Datasheet
1Mb / 13P
Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
MAX9510 MAXIM-MAX9510 Datasheet
1Mb / 15P
1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
MAX9510AUA+T MAXIM-MAX9510AUA+T Datasheet
1Mb / 15P
1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
MAX9511 MAXIM-MAX9511 Datasheet
334Kb / 15P
Complete VGA Interface with EMI Suppression
Rev 0; 4/05
MAX9511CEG MAXIM-MAX9511CEG Datasheet
334Kb / 15P
Complete VGA Interface with EMI Suppression
Rev 0; 4/05
More results


Similar Description - MAX951

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Linear Technology
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LM10 LINER-LM10_15 Datasheet
783Kb / 16P
Low Power Op Amp and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
Nanopower Op Amp, Comparator, and Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
Low-Power, Single-Supply Op Amp Comparator Reference
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
logo
Maxim Integrated Produc...
MAX951 MAXIM-MAX951_V01 Datasheet
1Mb / 13P
Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
19-0431; Rev 3; 2/15
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com