Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9687 Datasheet (PDF) - Maxim Integrated Products

MAX9687 Datasheet PDF - Maxim Integrated Products
Part # MAX9687
Download  MAX9687 Download
File Size   44.45 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, Ultra-Fast ECL-Output Comparator

MAX9687 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9687 Datasheet PDF - Maxim Integrated Products

Part # MAX9687
Download  MAX9687 Click to download

File Size   44.45 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, Ultra-Fast ECL-Output Comparator

MAX9687 Datasheet (HTML) - Maxim Integrated Products


MAX9687 Product details

General Description
The MAX9687 is a dual, ultra-fast ECL comparator manufactured with a high-frequency bipolar process (fT= 6GHz) capable of very short propagation delays. This design maintains the excellent DC matching characteristics normally found only in slower comparators.

Features
♦1.4ns Propagation Delay
♦0.5ns Latch Setup Time
♦2.0ns Latch-Enable Pulse Width
♦+5V, -5.2V Power Supplies
♦Pin-Compatible with AD9687, Am6687, SP9687
♦Available in Commercial, Extended-Industrial, and Military Temperature Ranges
♦Available in Narrow SO Package

Applications
High-Speed A/D Converters
High-Speed Line Receivers
Peak Detectors
Threshold Detectors
High-Speed Triggers




Similar Part No. - MAX9687

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX968 MAXIM-MAX968 Datasheet
116Kb / 12P
Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 9P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
MAX9680 MAXIM-MAX9680 Datasheet
889Kb / 4P
Fully Assembled and Tested
Rev 0; 9/09
MAX9680AXT MAXIM-MAX9680AXT Datasheet
1Mb / 9P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
More results


Similar Description - MAX9687

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
logo
Cadeka Microcircuits LL...
CLC2500 CADEKA-CLC2500 Datasheet
427Kb / 2P
Dual, Ultra-fast Voltage Comparator
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com