Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9720 Datasheet (PDF) - Maxim Integrated Products

MAX9720 Datasheet PDF - Maxim Integrated Products
Part # MAX9720
Download  MAX9720 Download
File Size   508.85 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown

MAX9720 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9720 Datasheet PDF - Maxim Integrated Products

Part # MAX9720
Download  MAX9720 Click to download

File Size   508.85 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown

MAX9720 Datasheet (HTML) - Maxim Integrated Products


MAX9720 Product details

General Description
The MAX9720 stereo headphone amplifier combines Maxim’s patented DirectDrive architecture and SmartSense™, an automatic mono/stereo detection feature. Conventional headphone amplifiers require a bulky DC-blocking capacitor between the headphone and the amplifier. DirectDrive produces a ground-referenced output from a single supply, eliminating the need for large DC-blocking capacitors, saving cost, board space, and component height.

Features
♦ DirectDrive Eliminates Bulky DC-Blocking Capacitors
♦ SmartSense Automatic Short Detection
♦ Low 5mA Quiescent Current
♦ Fixed Gain Eliminates External Feedback Network
    MAX9720A: -1V/V
    MAX9720B: -1.41V/V
♦ 50mW per Channel Output Power
♦ Ultra-Low 0.003% THD+N
♦ High PSRR (92dB at 217Hz)
♦ Integrated Click-and-Pop Suppression
♦ 1.8V to 3.6V Single-Supply Operation
♦ Thermal Overload Protection
♦ Available in Space-Saving Packages
    16-Bump UCSP (2mm x 2mm x 0.6mm)
    16-Pin TSSOP

Applications
    PDAs
    Cellular Phones
    MP3 Players
    Notebook PCs
    Smart Phones
    Tablet PCs
    Portable Audio Equipment




Similar Part No. - MAX9720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX9720 AD-MAX9720 Datasheet
461Kb / 21P
50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0 4/03
logo
Maxim Integrated Produc...
MAX97200 MAXIM-MAX97200 Datasheet
2Mb / 13P
Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 1; 3/10
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 2; 3/11
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 3; 8/12
logo
Analog Devices
MAX97200 AD-MAX97200 Datasheet
1Mb / 13P
Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 3 8/12
More results


Similar Description - MAX9720

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com