Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX581 Datasheet (PDF) - Maxim Integrated Products

MX581 Datasheet PDF - Maxim Integrated Products
Part # MX581
Download  MX581 Download
File Size   196.78 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High Precision 10 Volt Reference

MX581 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX581 Datasheet PDF - Maxim Integrated Products

Part # MX581
Download  MX581 Click to download

File Size   196.78 Kbytes
Page   7 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High Precision 10 Volt Reference

MX581 Datasheet (HTML) - Maxim Integrated Products


MX581 Product details

General Description
Maxim’s MX581 is a three-terminal, temperaturecompensated, bandgap voltage reference which provides a precision 10V output from an unregulated input of 12.5V to 30V. Laser trimming is used to minimize initial error and temperature drift, to as low as 10mV and 15ppm/°C with the MX581.

Features
♦ ±10mV Tolerance (MX581K)
♦ Low Tempco—15ppm/°C max (MAX581K)
♦ No External Components or Trims
♦ Short-Circuit Proof
♦ Output Sources and Sinks Current
♦ 10mA Output Current
♦ Low-Supply Current—1.0mA (max)
♦ Three-Terminal Package

Applications
    CMOS DAC Reference
    A/D Converter Reference
    Measurement Instrumentation
    Threshold Detectors
    Precision Analog Systems




Similar Part No. - MX581

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX580 MAXIM-MX580 Datasheet
99Kb / 4P
High Precision 2.5 Volt Reference
Rev 1; 8/96
logo
Caddock Electronics, In...
MX580 CADDOCK-MX580 Datasheet
555Kb / 1P
MX500 Series Precision High Voltage Resistors
logo
Maxim Integrated Produc...
MX580JCSA MAXIM-MX580JCSA Datasheet
99Kb / 4P
High Precision 2.5 Volt Reference
Rev 1; 8/96
MX580JESA MAXIM-MX580JESA Datasheet
99Kb / 4P
High Precision 2.5 Volt Reference
Rev 1; 8/96
MX580JH MAXIM-MX580JH Datasheet
99Kb / 4P
High Precision 2.5 Volt Reference
Rev 1; 8/96
More results


Similar Description - MX581

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2700 AD-AD2700 Datasheet
237Kb / 4P
(-) 10 Volt Precision Reference Series
logo
Linear Technology
LT1031 LINER-LT1031 Datasheet
631Kb / 12P
Precision 10 Volt Reference
logo
Analog Devices
AD2702SD AD-AD2702SD Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2702UD AD-AD2702UD Datasheet
1Mb / 4P
10,-10 Volt Precision Reference Series
REV. B
AD2702LD AD-AD2702LD Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2700SD AD-AD2700SD Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2700UD AD-AD2700UD Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2700 AD-AD2700_15 Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2701 AD-AD2701_15 Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
AD2702 AD-AD2702_15 Datasheet
1Mb / 4P
10 Volt Precision Reference Series
REV. B
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com