Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX584 Datasheet (PDF) - Maxim Integrated Products

MX584 Datasheet PDF - Maxim Integrated Products
Part # MX584
Download  MX584 Download
File Size   296.98 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Pin Programmable Precision Voltage Reference

MX584 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX584 Datasheet PDF - Maxim Integrated Products

Part # MX584
Download  MX584 Click to download

File Size   296.98 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Pin Programmable Precision Voltage Reference

MX584 Datasheet (HTML) - Maxim Integrated Products


MX584 Product details

General Description

Maxim’s MX584 is a temperature-compensated, bandgap voltage reference which provides pin-programmable output voltages of +10.00V, +7.50V, +5.00V, and +2.50V. External components are not required for these outputs, but if other voltages are desired, they can be programmed with external resistors. Laser trimming minimizes output error as well as temperature drift, to as low as 10mV and 15ppm/°C with the MX584K.



Features

♦ +10.0V, +7.5V, +5.0V, +2.5V Programmable Outputs

♦ ±10mV Tolerance at +10V (MX584K)

♦ Low Tempco: 15ppm/°C, max (MAX584K)

♦ No External Components or Trims

♦ Short-Circuit Proof

♦ Output Sources and Sinks Current

♦ 10mA Output Current



Applications

CMOS DAC Reference

A/D Converter Reference

Measurement Instrumentation

Data Loggers

Precision Analog Systems

Programmable Offset for PGAs




Similar Part No. - MX584

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584 Datasheet
642Kb / 11P
Pin-Programmable, Precision Voltage Reference
2004
MX584JC/D MAXIM-MX584JC/D Datasheet
642Kb / 11P
Pin-Programmable, Precision Voltage Reference
2004
MX584JCSA MAXIM-MX584JCSA Datasheet
642Kb / 11P
Pin-Programmable, Precision Voltage Reference
2004
MX584JESA MAXIM-MX584JESA Datasheet
642Kb / 11P
Pin-Programmable, Precision Voltage Reference
2004
MX584JH MAXIM-MX584JH Datasheet
642Kb / 11P
Pin-Programmable, Precision Voltage Reference
2004
More results


Similar Description - MX584

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD584 AD-AD584 Datasheet
304Kb / 8P
Pin Programmable Precision Voltage Reference
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
PRECISION PROGRAMMABLE REFERENCE
logo
Analog Devices
AD584 AD-AD584_12 Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
JM3851012801BGA AD-JM3851012801BGA Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
AD584TH AD-AD584TH Datasheet
515Kb / 12P
Pin Programmable, Precision Voltage Reference
REV. C
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
PROGRAMMABLE PRECISION REFERENCE
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584_V01 Datasheet
642Kb / 11P
Pin-Programmable, Precision Voltage Reference
2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com