Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX636 Datasheet (PDF) - Maxim Integrated Products

MX636 Datasheet PDF - Maxim Integrated Products
Part # MX636
Download  MX636 Download
File Size   123.93 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description True RMS-to-DC Converters

MX636 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX636 Datasheet PDF - Maxim Integrated Products

Part # MX636
Download  MX636 Click to download

File Size   123.93 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description True RMS-to-DC Converters

MX636 Datasheet (HTML) - Maxim Integrated Products


MX636 Product details

General Description
The MX536A and MX636 are true RMS-to-DC convert ers. They feature low power and are designed to accept low-level input signals from 0 to 7VRMSfor the MX536A and 0 to 200mVRMSfor the MX636. Both devices accept complex input waveforms containing AC and DC components. They can be operated from either a single supply or dual supplies. Both devices draw less than 1mA of quiescent supply current, making them ideal for battery-powered applications.
Input and output offset, positive and negative waveform symmetry (DC reversal), and full-scale accuracy are laser trimmed, so that no external trims are required to achieve full rated accuracy.

Features
♦True RMS-to-DC Conversion
♦Computes RMS of AC and DC Signals
♦Wide Response:
  2MHz Bandwidth for VRMS> 1V (MX536A)
  1MHz Bandwidth for VRMS> 100mV (MX636)
♦Auxiliary dB Output: 60dB Range (MX536A)
                            50dB Range (MX636)
♦Single- or Dual-Supply Operation
♦Low Power: 1.2mA typ (MX536A)
                 800µA typ (MX636)

Applications
Digital Multimeters
Battery-Powered Instruments
Panel Meters
Process Control




Similar Part No. - MX636

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX631 CMLMICRO-MX631 Datasheet
141Kb / 9P
LOW VOLTAGE SPM DETECTOR
MX631DW CMLMICRO-MX631DW Datasheet
141Kb / 9P
LOW VOLTAGE SPM DETECTOR
MX631P CMLMICRO-MX631P Datasheet
141Kb / 9P
LOW VOLTAGE SPM DETECTOR
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
CALL PROCRESS TONE DETECTOR
MX633P MICROSEMI-MX633P Datasheet
95Kb / 11P
CALL PROCRESS TONE DETECTOR
More results


Similar Description - MX636

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
LH0091 True RMS to DC Converter
logo
Maxim Integrated Produc...
MX536AJEWE MAXIM-MX536AJEWE Datasheet
149Kb / 12P
True RMS-to-DC Converters
Rev 2; 3/96
logo
Cyrustek corporation
ES7 CYRUSTEK-ES7 Datasheet
920Kb / 10P
True RMS-to-DC Converters
ES636 CYRUSTEK-ES636_09 Datasheet
283Kb / 13P
True RMS-to-DC Converters
logo
Analog Devices
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
TRUE RMS TO DC CONVERTER
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
Integrated Circuit True RMS-to-DC Converter
Rev. F
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
True RMS-to-DC Converter
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
True RMS-to-DC Converters
ES736 CYRUSTEK-ES736 Datasheet
509Kb / 9P
True RMS-to-DC Converters
ES737 CYRUSTEK-ES737 Datasheet
703Kb / 10P
True RMS-to-DC Converters
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com