Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX7824 Datasheet (PDF) - Maxim Integrated Products

MX7824 Datasheet PDF - Maxim Integrated Products
Part # MX7824
Download  MX7824 Download
File Size   106.45 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description CMOS, High-Speed, 8-Bit ADCs with Multiplexer

MX7824 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX7824 Datasheet PDF - Maxim Integrated Products

Part # MX7824
Download  MX7824 Click to download

File Size   106.45 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description CMOS, High-Speed, 8-Bit ADCs with Multiplexer

MX7824 Datasheet (HTML) - Maxim Integrated Products


MX7824 Product details

General Description

The MAX154/MAX158 and MX7824/MX7828 are high speed, multi-channel analog-to-digital converters (ADCs). The MAX154 and MX7824 have four analog input channels, while the MAX158 and MX7828 have eight channels. Conversion time for all devices is 2.5µs. The MAX154/MAX158 also feature a 2.5V on-chip reference, forming a complete high-speed data acquisition system.

All four converters include a built-in track/hold, eliminating the need for an external track/hold with many input signals. The analog input range is 0V to +5V, although the ADC operates from a single +5V supply.



Features

♦ One-Chip Data Acquisition System

♦ Four or Eight Analog Input Channels

♦ 2.5µs per Channel Conversion Time

♦ Internal 2.5V Reference (MAX154/MAX158 only)

♦ Built-In Track/Hold Function

♦ 1/2LSB Error Specification

♦ Single +5V Supply Operation

♦ No External Clock

♦ New Space-Saving SSOP Package



Applications

  Digital Signal Processing

  High-Speed Data Acquisition

  Telecommunications

  High-Speed Servo Control

  Audio Instrumentation



 




Similar Part No. - MX7824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7820BQ MAXIM-MX7820BQ Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820CQ MAXIM-MX7820CQ Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820KCWP MAXIM-MX7820KCWP Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820KN MAXIM-MX7820KN Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MX7820LCWP MAXIM-MX7820LCWP Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
More results


Similar Description - MX7824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Analog Devices
AD7824 AD-AD7824 Datasheet
270Kb / 16P
LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
1/03-Data Sheet changed from REV. E to REV. F.
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
logo
Texas Instruments
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
High-Speed CMOS Logic 8-Input Multiplexer
logo
List of Unclassifed Man...
QS32390 ETC1-QS32390 Datasheet
530Kb / 6P
High-Speed CMOS QuickSwitch 16:8 Multiplexer
logo
Linear Technology
LTC2444 LINER-LTC2444 Datasheet
261Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
logo
Texas Instruments
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
High-Speed CMOS Logic 8-Input Multiplexer
logo
Linear Technology
LTC2445 LINER-LTC2445_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
LTC2448 LINER-LTC2448_15 Datasheet
307Kb / 28P
24-Bit High Speed 8-/16-Channel ADCs with Selectable Speed/Resolution
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com