Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXD1013 Datasheet (PDF) - Maxim Integrated Products

MXD1013 Datasheet PDF - Maxim Integrated Products
Part # MXD1013
Download  MXD1013 Download
File Size   56.97 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3-in-1 Silicon Delay Line

MXD1013 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXD1013 Datasheet PDF - Maxim Integrated Products

Part # MXD1013
Download  MXD1013 Click to download

File Size   56.97 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3-in-1 Silicon Delay Line

MXD1013 Datasheet (HTML) - Maxim Integrated Products


MXD1013 Product details

General Description
The MXD1013 contains three independent, monolithic, logic-buffered delay lines with delays ranging from 10ns to 200ns. Nominal accuracy is ±2ns for a 10ns to 60ns delay, ±3% for a 70ns to 100ns delay, and ±5% for a 150ns to 200ns delay. Relative to hybrid solutions, these devices offer enhanced performance and higher reliability, and reduce overall cost. Each output can drive up to ten standard 74LS loads.

Features
♦ Improved Second Source to DS1013
♦ Available in Space-Saving 8-Pin µMAX Package
♦ 20mA Supply Current (vs. Dallas’ 40mA)
♦ Low Cost
♦ Three Separate Buffered Delays
♦ Delay Tolerance of ±2ns for MXD1013__010 through MXD1013__060
♦ TTL/CMOS-Compatible Logic
♦ Leading- and Trailing-Edge Accuracy
♦ Custom Delays Available

Applications
    Clock Synchronization
    Digital Systems




Similar Part No. - MXD1013

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000C/D__ MAXIM-MXD1000C/D__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PA__ MAXIM-MXD1000PA__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000PD__ MAXIM-MXD1000PD__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
MXD1000SA__ MAXIM-MXD1000SA__ Datasheet
72Kb / 8P
5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
More results


Similar Description - MXD1013

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
3-in-1 Silicon Delay Line
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
3-in-1 Low Voltage Silicon Delay Line
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
3-in-1 High.Speed Silicon Delay Line
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
3-in-1 High-Speed Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
3-in-1 Silicon Delay Line
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
3-in-1 Low Voltage Silicon Delay Line
logo
Maxim Integrated Produc...
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
3-in-1 Silicon Delay Line
111799
DS1033 MAXIM-DS1033 Datasheet
56Kb / 6P
3-in-1 Low Voltage Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
3-in-1 High?밪peed Silicon Delay Line
111799
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com