Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4454 Datasheet (PDF) - Micro Commercial Components

1N4454 Datasheet PDF - Micro Commercial Components
Part # 1N4454
Download  1N4454 Download
File Size   111.48 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 400mW 75 Volt Silicon Epitaxial Diode

1N4454 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4454 Datasheet PDF - Micro Commercial Components

Part # 1N4454
Download  1N4454 Click to download

File Size   111.48 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 400mW 75 Volt Silicon Epitaxial Diode

1N4454 Datasheet (HTML) - Micro Commercial Components


1N4454 Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)
• Low Curent Leakage
• Compression Bond Construction
• Low Cost
• Marking : Cathode band and type number
• Moisture Sensitivity Level 1




Similar Part No. - 1N4454

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4454 RECTRON-1N4454 Datasheet
11Kb / 1P
SIGNAL DIODE
logo
Semtech Corporation
1N4454 SEMTECH-1N4454 Datasheet
88Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Fairchild Semiconductor
1N4454 FAIRCHILD-1N4454 Datasheet
19Kb / 2P
High Conductance Ultra Fast Diode
logo
Compensated Deuices Inc...
1N4454 CDI-DIODE-1N4454 Datasheet
33Kb / 2P
SWITCHING DIODE
logo
Shanghai Lunsure Electr...
1N4454 CHENYI-1N4454 Datasheet
47Kb / 1P
SMALL SIGNAL SWITCHING DIODE
More results


Similar Description - 1N4454

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4151 MCC-1N4151 Datasheet
77Kb / 3P
500mW 75 Volt Silicon Epitaxial Diode
DL4454 MCC-DL4454 Datasheet
356Kb / 3P
Silicon Switching Diode 500 mW 75 Volt
1N4150 MCC-1N4150 Datasheet
364Kb / 2P
500mW 75 Volt Silicon Epitaxial Diode
1N4454 MCC-1N4454_11 Datasheet
454Kb / 4P
400mW 75 Volt Silicon Epitaxial Diode
DL4454 MCC-DL4454_11 Datasheet
182Kb / 4P
Silicon Switching Diode 500 mW 75 Volt
1N4150 MCC-1N4150_12 Datasheet
536Kb / 3P
500mW 75 Volt Silicon Epitaxial Diode
1N4454 MCC-1N4454_12 Datasheet
456Kb / 4P
400mW 75 Volt Silicon Epitaxial Diode
1N4454 MCC-1N4454_12 Datasheet
456Kb / 4P
400mW 75 Volt Silicon Epitaxial Diode
MCL4448 MCC-MCL4448 Datasheet
669Kb / 4P
500mW 100 Volt Silicon Epitaxial Diode
1N4454 MCC-1N4454_13 Datasheet
261Kb / 4P
400mW 75 Volt Silicon Epitaxial Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com