Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4942GP Datasheet (PDF) - Micro Commercial Components

1N4942GP Datasheet PDF - Micro Commercial Components
Part # 1N4942GP
Download  1N4942GP Download
File Size   81.52 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts

1N4942GP Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4942GP Datasheet PDF - Micro Commercial Components

Part # 1N4942GP
Download  1N4942GP Click to download

File Size   81.52 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts

1N4942GP Datasheet (HTML) - Micro Commercial Components


1N4942GP Product details

Features
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Glass Passivated Junction
• Low Leakage Current And Fast Switching
• Epoxy Meets UL 94 V-0 Flammability Rating
• Moisture Sensitivity Level 1
• Lead Free Finish/RoHS Compliant(Note 1)("P" Suffix Designates Compliant. See Ordering Information)




Similar Part No. - 1N4942GP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4942GP GE-1N4942GP Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
First Components Intern...
1N4942GP FCI-1N4942GP Datasheet
164Kb / 2P
1.0 Amp FAST SWITCHING MEGARECTIFIERS
logo
Vishay Siliconix
1N4942GP VISHAY-1N4942GP Datasheet
76Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
logo
Shanghai Lunsure Electr...
1N4942GP CHENYI-1N4942GP Datasheet
53Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
logo
Gulf Semiconductor
1N4942GP GULFSEMI-1N4942GP Datasheet
156Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 1.0A
More results


Similar Description - 1N4942GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4942 MCC-1N4942 Datasheet
81Kb / 3P
1 Amp Fast Recovery Rectifier 200 to 1000 Volts
DLFR106 MCC-DLFR106 Datasheet
93Kb / 3P
1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
logo
Shanghai Lunsure Electr...
1N4942 CHENYI-1N4942 Datasheet
51Kb / 3P
1 Amp Fast Recovery Rectifier 200 to 1000 Volts
1N4942GP CHENYI-1N4942GP Datasheet
53Kb / 3P
1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
logo
Micro Commercial Compon...
1N4942GP MCC-1N4942GP_11 Datasheet
429Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
BA157GP MCC-BA157GP Datasheet
233Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
DLFR106 MCC-DLFR106_11 Datasheet
473Kb / 4P
1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts
1N4942 MCC-1N4942_13 Datasheet
451Kb / 4P
1 Amp Fast Recovery Rectifier 200 to 1000 Volts
1N4942GP MCC-1N4942GP_13 Datasheet
445Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
BA157GP MCC-BA157GP_13 Datasheet
264Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com