Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3DV642 Datasheet (PDF) - Texas Instruments

TS3DV642 Datasheet PDF - Texas Instruments
Part # TS3DV642_15
Download  TS3DV642 Download
File Size   1649.75 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode

TS3DV642 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3DV642 Datasheet PDF - Texas Instruments

Part # TS3DV642_15
Download  TS3DV642 Click to download

File Size   1649.75 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode

TS3DV642 Datasheet (HTML) - Texas Instruments




Similar Part No. - TS3DV642_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642-Q1 TI2-TS3DV642-Q1 Datasheet
1Mb / 34P
TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
REVISED AUGUST 2018
TS3DV642A0RUAR TI1-TS3DV642A0RUAR Datasheet
1,019Kb / 17P
12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642A0RUAR TI2-TS3DV642A0RUAR Datasheet
1Mb / 34P
TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
REVISED AUGUST 2018
TS3DV642A0RUAR.A TI2-TS3DV642A0RUAR.A Datasheet
1Mb / 34P
TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
REVISED AUGUST 2018
More results


Similar Description - TS3DV642_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN7200 ONSEMI-NCN7200 Datasheet
123Kb / 10P
Gigabit Ethernet LAN Switch with 2:1 Mux/ DeMux and Power-down Feature
March, 2011 ??Rev. 2
logo
Texas Instruments
TS3DDR3812 TI-TS3DDR3812 Datasheet
529Kb / 18P
12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
TS3DV642 TI1-TS3DV642 Datasheet
1,019Kb / 17P
12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
PI3L720ZHE PERICOM-PI3L720ZHE Datasheet
563Kb / 10P
2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
logo
Texas Instruments
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
12-Channel, 2:1 Mux/DeMux Bus Switch
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com