Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet (PDF) - Micro Commercial Components

BAV99 Datasheet PDF - Micro Commercial Components
Part # BAV99
Download  BAV99 Download
File Size   80.79 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW 75Volt Dual Series Switching Diode

BAV99 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV99 Datasheet PDF - Micro Commercial Components

Part # BAV99
Download  BAV99 Click to download

File Size   80.79 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW 75Volt Dual Series Switching Diode

BAV99 Datasheet (HTML) - Micro Commercial Components


BAV99 Product details

Features
• Low Current Leakage
• Low Cost
• Small Outline Surface Mount Package
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Marking:A7/JG
• Lead Free Finish/Rohs Compliant ("P"Suffix designates
    RoHS Compliant. See ordering information)
• Halogen free available upon request by adding suffix "-HF"
   




Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results


Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
350mW 75Volt Dual Switching Diode
logo
Shanghai Lunsure Electr...
BAV99 CHENYI-BAV99 Datasheet
53Kb / 2P
350mw 75volt dual series switching diode
BAW56 CHENYI-BAW56 Datasheet
52Kb / 2P
350mw 75volt dual switching diode
logo
Micro Commercial Compon...
BAV99 MCC-BAV99_11 Datasheet
189Kb / 3P
350mW 70Volt Dual Series Switching Diode
BAW56 MCC-BAW56_11 Datasheet
165Kb / 3P
350mW 75Volt Dual Switching Diode
BAV99 MCC-BAV99_13 Datasheet
221Kb / 3P
350mW 70Volt Dual Series Switching Diode
BAW156 MCC-BAW156_13 Datasheet
256Kb / 4P
250mW 75Volt s Dual Switching Diode
BAV99-TP MCC-BAV99-TP Datasheet
221Kb / 3P
350mW 70Volt Dual Series Switching Diode
BAV99 MCC-BAV99_17 Datasheet
507Kb / 3P
350mW 75Volt Dual Series Switching Diode
BAW56 MCC-BAW56_13 Datasheet
213Kb / 3P
350mW 75Volt Dual Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com