Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC858C Datasheet (PDF) - Micro Commercial Components

BC858C Datasheet PDF - Micro Commercial Components
Part # BC858C
Download  BC858C Download
File Size   106.98 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Small Signal Transistor 310mW

BC858C Datasheet (PDF)

Go To PDF Page Download Datasheet
BC858C Datasheet PDF - Micro Commercial Components

Part # BC858C
Download  BC858C Click to download

File Size   106.98 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Small Signal Transistor 310mW

BC858C Datasheet (HTML) - Micro Commercial Components


BC858C Product details

Features
● Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
● Epoxy meets UL 94 V-0 flammability rating
● Moisure Sensitivity Level 1
● Ideally Suited for Automatic Insertion
● 150°C Junction Temperature
● For Switching and AF Amplifier Applications
● Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BC858C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC858C TRSYS-BC858C Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC858C SIEMENS-BC858C Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC858C FAIRCHILD-BC858C Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Diodes Incorporated
BC858C DIODES-BC858C Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
logo
Infineon Technologies A...
BC858C INFINEON-BC858C Datasheet
218Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
More results


Similar Description - BC858C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Mar-1996
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
Small Signal Transistor (PNP)
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16 Datasheet
255Kb / 3P
NPN Small Signal Transistor 310mW
BC846A MCC-BC846A Datasheet
105Kb / 2P
NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_08 Datasheet
243Kb / 4P
NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_11 Datasheet
384Kb / 4P
NPN Small Signal Transistor 310mW
BC856A MCC-BC856A_11 Datasheet
201Kb / 3P
PNP Small Signal Transistor 310mW
logo
Taiwan Semiconductor Co...
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
PNP Small Signal Transistor
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
PNP Small Signal Transistor
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16_13 Datasheet
466Kb / 4P
NPN Small Signal Transistor 310mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com